Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0128 Datasheet(PDF) 59 Page - Silicon Storage Technology, Inc

Part # SST85LD0128
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0128 Datasheet(HTML) 59 Page - Silicon Storage Technology, Inc

Back Button SST85LD0128 Datasheet HTML 55Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 56Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 57Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 58Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 59Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 60Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 61Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 62Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 63Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
59
13.0 ELECTRICAL SPECIFICATIONS
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this data
sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
D.C. Voltage on Pins1 I3, I4, O4, and O5 to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V
1. Please refer to Table 3-1 for pin assignment information.
Transient Voltage (<20 ns) on Pins1 I3, I4, O4, and O5 to Ground Potential . . . . . . . . . . . . . . . . . -2.0V to VDD+2.0V
D.C. Voltage on Pins1 I1, I2, O1, O2, and O6 to Ground Potential. . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDDQ+0.5V
Transient Voltage (<20 ns) on Pins1 I1, I2, O1, O2, and O6 to Ground Potential. . . . . . . . . . . . . -2.0V to VDDQ+2.0V
Package Power Dissipation Capability (TA = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Through Hole Lead Soldering Temperature (10 Seconds). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300°C
Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
Output Short Circuit Current2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
2. Outputs shorted for no more than one second. No more than one output shorted at a time.
TABLE
13-1: Absolute Maximum Power Pin Stress Ratings
Parameter
Symbol
Conditions
Input Power
VDDQ
VDD
-0.3V min to 6.5V max
-0.3V min to 4.0V max
Voltage on any flash media interface pin with respect to VSS
-0.5V min to VDD + 0.5V max
Voltage on all other pins with respect to VSS
-0.5V min to VDDQ + 0.5V max
T13-1.0 1319
Operating Range
Range
Ambient Temperature
VDD
VDDQ
Commercial
0°C to +70°C
3.135-3.465V
4.5-5.5V; 3.135-3.465V
Industrial
-40°C to +85°C
3.135-3.465V
4.75-5.25V; 3.135-3.465V
AC Conditions of Test
Input Rise/Fall Time . . . . . . . . . . . . . . 10 ns
Output Load . . . . . . . . . . . . . . . . . . . . CL = 100 pF
See Figure 13-1
Note: All AC specifications are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com