Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0128 Datasheet(PDF) 44 Page - Silicon Storage Technology, Inc

Part # SST85LD0128
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0128 Datasheet(HTML) 44 Page - Silicon Storage Technology, Inc

Back Button SST85LD0128 Datasheet HTML 40Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 41Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 42Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 43Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 44Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 45Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 46Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 47Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 48Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
44
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
Features 01H and 81H are used to enable and clear 8-bit data transfer mode. If the 01H feature
command is issued all data transfers will occur on the low order D7-D0 data bus and the IOCS16#
signal will not be asserted for data register accesses.
Features 02H and 82H allow the host to enable or disable write cache in the NANDrives that implement
write cache. When the subcommand Disable-Write-Cache is issued, the NANDrive should initiate the
sequence to flush cache to non-volatile memory before command completion.
Feature 03H allows the host to select the transfer mode by specifying a value in the Sector Count
register. The upper 5 bits define the type of transfer and the low order 3 bits encode the mode value.
One PIO mode is selected at all times. The host may change the selected modes by the Set-Features
command.
Feature 05H allows the host to enable advanced power management. To enable advanced power
management, the host writes the Sector Count register with the desired advanced power management
level and then executes a Set-Features command with subcommand code 05H. The power
management level is a scale from the lowest power consumption setting of 01H to the maximum
performance level of FEH. Table 12-10 shows these values.
TABLE 12-10: Advanced Power Management Levels
Level
Sector Count Value
Maximum performance
FEH
Intermediate power management levels without standby
81H-FDH
Minimum power consumption without standby
80H
Intermediate power management levels with standby
02H-7FH
Minimum power consumption with standby
01H
Reserved
FFH
Reserved
00H
T12-10.0 1319



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com