| Electronic Components Datasheet Search |
|
SST85LD0128 Datasheet(PDF) 34 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST85LD0128 Datasheet(HTML) 34 Page - Silicon Storage Technology, Inc |
|
34 / 73 page ![]() 34 Advance Information NANDrive SST85LD0128 / SST85LD0256 / SST85LD0512 ©2007 Silicon Storage Technology, Inc. S71319-03-000 2/07 12.2.1.12 Read-DMA - C8H This command executes in a similar manner to the Read-Sector(s) command except for the following: - the host initializes the DMA channel prior to issuing the command; - data transfers are qualified by DMARQ and are performed by the DMA channel; - the NANDrive issues only one interrupt per command to indicate that data transfer has terminated and status is available. During the DMA transfer phase of a Read-DMA command, the NANDrive will provide the status of the BSY bit or the DRQ bit until the command is completed. 12.2.1.13 Read-Multiple - C4H Note: The current revision of the NANDrive can support up to a block count of 1 as indicated in the Identify-Drive Command informa- tion. The Read-Multiple command is similar to the Read-Sector(s) command. Interrupts are not generated on every sector, but on the transfer of a block which contains the number of sectors defined by a Set Multiple command. Command execution is identical to the Read-Sectors operation except that the number of sectors defined by a Set Multiple command are transferred without intervening interrupts. DRQ qualification of the transfer is required only at the start of the data block, not on each sector. The block count of sectors to be transferred without intervening interrupts is programmed by the Set- Multiple-Mode command, which must be executed prior to the Read-Multiple command. When the Read-Multiple command is issued, the Sector Count register contains the number of sectors (not the number of blocks or the block count) requested. If the number of requested sectors is not evenly divisible by the block count, as many full blocks as possible are transferred, followed by a final, partial block transfer. The partial block transfer is for n sectors, where n = remainder (sector count/block count). If the Read-Multiple command is attempted before the Set-Multiple-Mode command has been executed or when Read-Multiple commands are disabled, the Read-Multiple operation is rejected with an Bit -> 76543210 Command (7) C8H C/D/H (6) 1 LBA 1 Drive Head (LBA 27-24) Cyl High (5) Cylinder High (LBA 23-16) Cyl Low (4) Cylinder Low (LBA 15-8) Sec Num (3) Sector Number (LBA 7-0) Sec Cnt (2) Sector Count Feature (1) X Bit -> 76543210 Command (7) C4H C/D/H (6) 1 LBA 1 Drive Head (LBA 27-24) Cyl High (5) Cylinder High (LBA 23-16) Cyl Low (4) Cylinder Low (LBA 15-8) Sec Num (3) Sector Number (LBA 7-0) Sec Cnt (2) Sector Count Feature (1) X |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |