Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0128 Datasheet(PDF) 46 Page - Silicon Storage Technology, Inc

Part # SST85LD0128
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0128 Datasheet(HTML) 46 Page - Silicon Storage Technology, Inc

Back Button SST85LD0128 Datasheet HTML 42Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 43Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 44Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 45Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 46Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 47Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 48Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 49Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 50Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
46
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
12.2.1.28.1 Set-Max-Address - F9H
The Set-Max-Address command must be immediately preceded by a successful execution of a Read-
Native-Max-Address command. Otherwise the Set-Max-Address command will be interpreted as
another Set-Max command or aborted as an invalid command.
C/D/H
LBA
1: The maximum address value is an LBA value.
0: The maximum address value is a CHS value.
Drive
The selected device.
Bits (3:0)
The native max address head number
(Identify-Device word 3 minus one) or LBA bits (27:24) value to be set.
Cyl High
Contains the maximum cylinder high or LBA bits (23:16) value to be set
Cyl Low
Contains the maximum cylinder low or LBA bits (15:8) value to be set
Sec Num
Contains the native max address sector number (Identify-Device word 6) or
LBA bits (7:0) value to be set
Sec Cnt
VV
Value Volatile
1: The device preserves the maximum values over Power-on or hardware reset.
0: The device reverts to the most recent non-volatile maximum address value
setting over Power-on or hardware reset.
After successful command completion, all Read and Write access attempts to addresses greater than
specified by the successful Set-Max-Address command is rejected with an IDNF error. Identify-Device
response words 1, 54, 57, 58, 60, and 61 reflect the maximum address set with this command.
Hosts should not issue more than one non-volatile Set-Max-Address command after a Power-on or hardware reset.
Devices should report an IDNF error upon receiving a second non-volatile Set-Max-Address command after a
Power-on or hardware reset.
The contents of Identify-Device words and the max address will not be changed if a Set-Max-Address command
fails.
After a successful Set-Max-Address command using a new maximum cylinder number value the content of all
Identify-Device words must comply with the following:
1. The content of words 3, 6, 55, and 56 are unchanged
2. The content of word 1 will equal (the new Set-Max cylinder number + 1) or 16,383, whichever is less
3. The content of words (61:60) equals [(the new content of word 1 as determined by the successful Set-Max-
Address command) * (the content of word 3) * (the content of word 6)]
Bit ->
76543210
Command (7)
F9H
C/D/H (6)
1
LBA
1
Drive
Native max address head number or
Set-Max LBA
Cyl High (5)
Set-Max cylinder high or LBA
Cyl Low (4)
Set-Max cylinder low or LBA
Sec Num (3)
Native max address sector number or
Set-Max LBA
Sec Cnt (2)
XVV
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com