Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 358 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 358 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 354Page - Renesas Technology Corp H838024 Datasheet HTML 355Page - Renesas Technology Corp H838024 Datasheet HTML 356Page - Renesas Technology Corp H838024 Datasheet HTML 357Page - Renesas Technology Corp H838024 Datasheet HTML 358Page - Renesas Technology Corp H838024 Datasheet HTML 359Page - Renesas Technology Corp H838024 Datasheet HTML 360Page - Renesas Technology Corp H838024 Datasheet HTML 361Page - Renesas Technology Corp H838024 Datasheet HTML 362Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 316 of 652
REJ09B0042-0700
Bits 7 and 6—AEC Edge Select H
Bits 7 and 6 select rising, falling, or both edge sensing for the AEVH pin.
Bit 7
AHEGS1
Bit 6
AHEGS0
Description
0
0
Falling edge on AEVH pin is sensed
(initial value)
1
Rising edge on AEVH pin is sensed
1
0
Both edges on AEVH pin are sensed
1
Use prohibited
Bits 5 and 4—AEC Edge Select L
Bits 5 and 4 select rising, falling, or both edge sensing for the AEVL pin.
Bit 5
ALEGS1
Bit 4
ALEGS0
Description
0
0
Falling edge on AEVL pin is sensed
(initial value)
1
Rising edge on AEVL pin is sensed
1
0
Both edges on AEVL pin are sensed
1
Use prohibited
Bits 3 and 2—IRQAEC Edge Select
Bits 3 and 2 select rising, falling, or both edge sensing for the IRQAEC pin.
Bit 3
AIEGS1
Bit 2
AIEGS0
Description
0
0
Falling edge on IRQAEC pin is sensed
(initial value)
1
Rising edge on IRQAEC pin is sensed
1
0
Both edges on IRQAEC pin are sensed
1
Use prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com