Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 357Page - Renesas Technology Corp H838024 Datasheet HTML 358Page - Renesas Technology Corp H838024 Datasheet HTML 359Page - Renesas Technology Corp H838024 Datasheet HTML 360Page - Renesas Technology Corp H838024 Datasheet HTML 361Page - Renesas Technology Corp H838024 Datasheet HTML 362Page - Renesas Technology Corp H838024 Datasheet HTML 363Page - Renesas Technology Corp H838024 Datasheet HTML 364Page - Renesas Technology Corp H838024 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 319 of 652
REJ09B0042-0700
Event Counter Control/Status Register (ECCSR)
OVH
CUEL
CRCH
CRCL
OVL
CH2
CUEH
76543210
0
000
00
00
R/W*
R/W
R/W
R/W
R/W*
R/W
R/W
R/W
Bit
Note: * Bits 7 and 6 can only be written with 0, for flag clearing.
Initial Value
Read/Write
ECCSR is an 8-bit read/write register that controls counter overflow detection, counter resetting,
and halting of the count-up function.
ECCSR is initialized to H'00 upon reset.
Bit 7—Counter Overflow H (OVH)
Bit 7 is a status flag indicating that ECH has overflowed from H'FF to H'00. This flag is set when
ECH overflows. It is cleared by software but cannot be set by software. OVH is cleared by
reading it when set to 1, then writing 0.
When ECH and ECL are used as a 16-bit event counter with CH2 cleared to 0, OVH functions as a
status flag indicating that the 16-bit event counter has overflowed from H'FFFF to H'0000.
Bit 7
OVH
Description
0
ECH has not overflowed
(initial value)
Clearing condition:
After reading OVH = 1, cleared by writing 0 to OVH
1
ECH has overflowed
Setting condition:
Set when ECH overflows from H’FF to H’00
Bit 6—Counter Overflow L (OVL)
Bit 6 is a status flag indicating that ECL has overflowed from H'FF to H'00. This flag is set when
ECL overflows. It is cleared by software but cannot be set by software. OVL is cleared by
reading it when set to 1, then writing 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com