Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 362 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 358Page - Renesas Technology Corp H838024 Datasheet HTML 359Page - Renesas Technology Corp H838024 Datasheet HTML 360Page - Renesas Technology Corp H838024 Datasheet HTML 361Page - Renesas Technology Corp H838024 Datasheet HTML 362Page - Renesas Technology Corp H838024 Datasheet HTML 363Page - Renesas Technology Corp H838024 Datasheet HTML 364Page - Renesas Technology Corp H838024 Datasheet HTML 365Page - Renesas Technology Corp H838024 Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 320 of 652
REJ09B0042-0700
Bit 6
OVL
Description
0
ECL has not overflowed
(initial value)
Clearing condition:
After reading OVL = 1, cleared by writing 0 to OVL
1
ECL has overflowed
Setting condition:
Set when ECL overflows from H'FF to H'00
Bit 5—Reserved
Bit 5 is a readable/writable reserved bit. It is initialized to 0 by a reset.
Bit 4—Channel Select (CH2)
Bit 4 selects whether ECH and ECL are used as a single-channel 16-bit event counter or as two
independent 8-bit event counter channels. When CH2 is cleared to 0, ECH and ECL function as a
16-bit event counter which is incremented each time an event clock is input to the AEVL pin. In
this case, the overflow signal from ECL is selected as the ECH input clock. When CH2 is set to 1,
ECH and ECL function as independent 8-bit event counters which are incremented each time an
event clock is input to the AEVH or AEVL pin, respectively.
Bit 4
CH2
Description
0
ECH and ECL are used together as a single-channel 16-bit event counter
(initial value)
1
ECH and ECL are used as two independent 8-bit event counter channels
Bit 3—Count-up Enable H (CUEH)
Bit 3 enables event clock input to ECH. When 1 is written to this bit, event clock input is enabled
and increments the counter. When 0 is written to this bit, event clock input is disabled and the
ECH value is held. The AEVH pin or the ECL overflow signal can be selected as the event clock
source by bit CH2.
Bit 3
CUEH
Description
0
ECH event clock input is disabled
(initial value)
ECH value is held
1
ECH event clock input is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com