Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 355Page - Renesas Technology Corp H838024 Datasheet HTML 356Page - Renesas Technology Corp H838024 Datasheet HTML 357Page - Renesas Technology Corp H838024 Datasheet HTML 358Page - Renesas Technology Corp H838024 Datasheet HTML 359Page - Renesas Technology Corp H838024 Datasheet HTML 360Page - Renesas Technology Corp H838024 Datasheet HTML 361Page - Renesas Technology Corp H838024 Datasheet HTML 362Page - Renesas Technology Corp H838024 Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 317 of 652
REJ09B0042-0700
Bit 1—Event Counter PWM Enable
Bit 1 controls enabling/disabling of event counter PWM and selection/deselection of IRQAEC.
Bit 1
ECPWME
Description
0
AEC PWM halted, IRQAEC selected
(initial value)
1
AEC PWM operation enabled, IRQAEC deselected
Bit 0—Reserved
Bit 0 is a readable/writable reserved bit. It is initialized to 0 by a reset.
Note:
Do not set this bit to 1.
Event Counter Control Register (ECCR)
Bit
Initial value
Read/Write
7
ACKH1
0
R/W
6
ACKH0
0
R/W
5
ACKL1
0
R/W
4
ACKL0
0
R/W
3
PWCK2
0
R/W
0
0
R/W
2
PWCK1
0
R/W
1
PWCK0
0
R/W
ECCR performs counter input clock and IRQAEC/IECPWM control.
Bits 7 and 6—AEC Clock Select H (ACKH1, ACKH0)
Bits 7 and 6 select the clock used by ECH.
Bit 7
ACKH1
Bit 6
ACKH0
Description
0
0
AEVH pin input
(initial value)
1
φ/2
10
φ/4
1
φ/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com