Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 23 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 23 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 19Page - Integrated Device Technology STAC9202 Datasheet HTML 20Page - Integrated Device Technology STAC9202 Datasheet HTML 21Page - Integrated Device Technology STAC9202 Datasheet HTML 22Page - Integrated Device Technology STAC9202 Datasheet HTML 23Page - Integrated Device Technology STAC9202 Datasheet HTML 24Page - Integrated Device Technology STAC9202 Datasheet HTML 25Page - Integrated Device Technology STAC9202 Datasheet HTML 26Page - Integrated Device Technology STAC9202 Datasheet HTML 27Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
23
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.4.2.
AFG NodeInfo
Table 11. AFG Reset Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:0]
Response
R
0x0
Reserved. Overlaps Execute.
[0]
Execute
W
0x0
Function Reset. Function Group reset is
executed when the Set verb 7FF is written
with 8-bit payload of 00h. The CODEC
should issue a response to acknowledge
receipt of the verb, and then reset the
affected Function Group and all associated
widgets to their power-on reset values.
Some controls such as Configuration
Default controls should not be reset.
Overlaps Response.
Table 12. AFG NodeInfo Command Verb Format
Verb ID
Payload
Response
Get
F00
04
See bitfield table
Table 13. AFG NodeInfo Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:24]
Rsvd2
R
0x0
Reserved
[23:16]
StartNID
R
0x02
Starting node number for function group
subordinate nodes.
[15:8]
Rsvd1
R
0x0
Reserved
[7:0]
TotalNodes
R
0x14
Total number of nodes.
14h = STAC9202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com