Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 57 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 57 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 53Page - Integrated Device Technology STAC9202 Datasheet HTML 54Page - Integrated Device Technology STAC9202 Datasheet HTML 55Page - Integrated Device Technology STAC9202 Datasheet HTML 56Page - Integrated Device Technology STAC9202 Datasheet HTML 57Page - Integrated Device Technology STAC9202 Datasheet HTML 58Page - Integrated Device Technology STAC9202 Datasheet HTML 59Page - Integrated Device Technology STAC9202 Datasheet HTML 60Page - Integrated Device Technology STAC9202 Datasheet HTML 61Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
57
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.8.6.
SPDIFoutCnvtr DigCtl
5.9.
DAC0Mux Node (NID = 0x06)
5.9.1.
DAC0Mux WCap
Table 96. SPDIFoutCnvtr DigCtl Command Verb Format
Verb ID
Payload
Response
Get
F0D
00
See bitfield table
Set1
70D
See bits [7:0] of bitfield table
0000_0000h
Set2
70E
See bits [15:8] of bitfield table
0000_0000h
Table 97. SPDIFoutCnvtr DigCtl Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:16]
Rsvd2
R
0x0
Reserved
[15]
Rsvd1
R
0x0
Rsvd
[14:8]
CC
RW
0x00
CC[6:0] - Category Code
[7]
L
RW
0x0
L - Generation Level
[6]
PRO
RW
0x0
PRO - Professional
[5]
AUDIO
RW
0x0
/AUDIO - Non-Audio
[4]
COPY
RW
0x0
COPY - Copyright
[3]
PRE
RW
0x0
PRE - Preemphasis
[2]
VCFG
RW
0x0
VCFG - Validity Config
[1]
V
RW
0x0
V - Validity
[0]
DigEn
RW
0x0
DigEn - Digital Enable
Table 98. DAC0Mux WCap Command Verb Format
Verb ID
Payload
Response
Get
F00
09
See bitfield table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com