Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 36 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 36 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 32Page - Integrated Device Technology STAC9202 Datasheet HTML 33Page - Integrated Device Technology STAC9202 Datasheet HTML 34Page - Integrated Device Technology STAC9202 Datasheet HTML 35Page - Integrated Device Technology STAC9202 Datasheet HTML 36Page - Integrated Device Technology STAC9202 Datasheet HTML 37Page - Integrated Device Technology STAC9202 Datasheet HTML 38Page - Integrated Device Technology STAC9202 Datasheet HTML 39Page - Integrated Device Technology STAC9202 Datasheet HTML 40Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
36
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.4.19.
AFG DigMic
Table 45. AFG SysID Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:24]
Subsystem3
RW
0x00
Subsystem ID. (Any non-zero value)
[23:16]
Subsystem2
RW
0x00
Subsystem ID. (Any non-zero value)
[15:8]
Subsystem1
RW
0x01
Subsystem ID. (Any non-zero value)
[7:0]
Assembly
RW
0x00
Assembly ID.
(Not applicable to CODEC vendors)
Table 46. AFG DigMic Command Verb Format
Verb ID
Payload
Response
Get
FEA
00
See bitfield table
Set1
7EA
See bits [7:0] of bitfield table
0000_0000h
Table 47. AFG DigMic Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:8]
Rsvd
R
0x0
Reserved
[7:6]
PhAdj
RW
0x0
Selects what phase of the DigMic clock the
data should be latched:
0 = rising edge
1 = center of high
2 = falling edge
3 = center of low
[5:4]
Rate
RW
0x2
Selects the DigMic rate:
0 = 4 MHz
1 = 3 MHz
2 = 2 MHz
3 = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com