Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 69 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 69 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 65Page - Integrated Device Technology STAC9202 Datasheet HTML 66Page - Integrated Device Technology STAC9202 Datasheet HTML 67Page - Integrated Device Technology STAC9202 Datasheet HTML 68Page - Integrated Device Technology STAC9202 Datasheet HTML 69Page - Integrated Device Technology STAC9202 Datasheet HTML 70Page - Integrated Device Technology STAC9202 Datasheet HTML 71Page - Integrated Device Technology STAC9202 Datasheet HTML 72Page - Integrated Device Technology STAC9202 Datasheet HTML 73Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
69
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.11.4.
DigOutPin ConnSel
5.11.5.
DigOutPin ConnLst
Table 130. DigOutPin ConnSel Command Verb Format
Verb ID
Payload
Response
Get
F01
00
See bitfield table
Set1
701
See bits [7:0] of bitfield table
0000_0000h
Table 131. DigOutPin ConnSel Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:2]
Rsvd
R
0x0
Reserved
[1:0]
Index
RW
0x0
Connection select control index.
Table 132. DigOutPin ConnLst Command Verb Format
Verb ID
Payload
Response
Get
F02
00
See bitfield table
Table 133. DigOutPin ConnLst Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:24]
Entry3
R
0x00
Unused list entry.
[23:16]
Entry2
R
0x00
Unused list entry.
[15:8]
Entry1
R
0x14
ADC0InMux widget.
[7:0]
Entry0
R
0x05
SPDIF Out converter widget.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com