Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 7Page - Integrated Device Technology STAC9202 Datasheet HTML 8Page - Integrated Device Technology STAC9202 Datasheet HTML 9Page - Integrated Device Technology STAC9202 Datasheet HTML 10Page - Integrated Device Technology STAC9202 Datasheet HTML 11Page - Integrated Device Technology STAC9202 Datasheet HTML 12Page - Integrated Device Technology STAC9202 Datasheet HTML 13Page - Integrated Device Technology STAC9202 Datasheet HTML 14Page - Integrated Device Technology STAC9202 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
11
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
2.
CHARACTERISTICS
2.1.
Audio Fidelity
2.2.
Electrical Specifications
2.2.1.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the STAC9202. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at
these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
2.2.2.
Recommended Operation Conditions
DAC SNR:
100dB
ADC SNR:
90dB
Item
Pin
Maximum Rating
Analog maximum supply voltage
AVdd
6 Volts
Digital maximum supply voltage
DVdd
5.5 Volts
VREFOUT output current
5 mA
Voltage on any pin relative to ground
Vss - 0.3 V to Vdd + 0.3 V
Operating temperature
0oC to +70oC
Storage temperature
-55 oC to +125 oC
Soldering temperature
260 oC for 10 seconds *
Soldering temperature information for all available packages
begins on page 132.
Parameter
Min.
Typ.
Max.
Units
Power Supply Voltage
Digital - 3.3 V
3.135
3.3
3.465
V
Analog - 3.3 V
3.135
3.3
3.465
V
(Note: The +4 V Analog voltage is supported by the
+5 V version of the STAC9202.)
Analog - 4 V
3.8
4
4.2
V
Analog - 5 V
4.75
5
5.25
V
Ambient Operating Temperature
0
+70
°C
Case Temperature
Tcase (48-LQFP)
+90
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com