Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 65 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 65 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 61Page - Integrated Device Technology STAC9202 Datasheet HTML 62Page - Integrated Device Technology STAC9202 Datasheet HTML 63Page - Integrated Device Technology STAC9202 Datasheet HTML 64Page - Integrated Device Technology STAC9202 Datasheet HTML 65Page - Integrated Device Technology STAC9202 Datasheet HTML 66Page - Integrated Device Technology STAC9202 Datasheet HTML 67Page - Integrated Device Technology STAC9202 Datasheet HTML 68Page - Integrated Device Technology STAC9202 Datasheet HTML 69Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
65
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.10.7.
DigInPin EAPD
5.10.8.
DigInPin Config
Table 120. DigInPin EAPD Command Verb Format
Verb ID
Payload
Response
Get
F0C
00
See bitfield table
Set1
70C
See bits [7:0] of bitfield table
0000_0000h
Table 121. DigInPin EAPD Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:2]
Rsvd2
R
0x0
Reserved
[1]
Data
RW
0x0
EAPD value reflected on the EAPD pin.
0 = power down external amp;
1 = power up external amp if PwrState <
0x2. If PwrState > = 0x2, Pin47 is Hi-Z.
An external pull-down is required if EAPD
must be low when Pin Widget is powered
down.
[0]
Rsvd1
R
0x0
Reserved
Table 122. DigInPin Config Command Verb Format
Verb ID
Payload
Response
Get
F1C
00
See bitfield table
Set1
71C
See bits [7:0] of bitfield table
0000_0000h
Set2
71D
See bits [15:8] of bitfield table
0000_0000h
Set3
71E
See bits [23:16] of bitfield table
0000_0000h
Set4
71F
See bits [31:24] of bitfield table
0000_0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com