Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 80 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 80 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 76Page - Integrated Device Technology STAC9202 Datasheet HTML 77Page - Integrated Device Technology STAC9202 Datasheet HTML 78Page - Integrated Device Technology STAC9202 Datasheet HTML 79Page - Integrated Device Technology STAC9202 Datasheet HTML 80Page - Integrated Device Technology STAC9202 Datasheet HTML 81Page - Integrated Device Technology STAC9202 Datasheet HTML 82Page - Integrated Device Technology STAC9202 Datasheet HTML 83Page - Integrated Device Technology STAC9202 Datasheet HTML 84Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
80
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.14.5.
InPortMux AmpCap
Table 167. InPortMux ConnLen Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:8]
Rsvd
R
0x0
Reserved
[7]
LongForm
R
0x0
Connection list uses short-form (7-bit) NID entries.
[6:0]
N
R
0x05
Number of NID entries in connection list.
Table 168. InPortMux AmpCap Command Verb Format
Verb ID
Payload
Response
Get
F00
12
See bitfield table
Table 169. InPortMux AmpCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31]
Mute
R
0x0
No mute capability
[30:23]
Rsvd3
R
0x0
Reserved
[22:16]
StepSize
R
0x27
Size of each step in the gain range = 10dB
[15]
Rsvd2
R
0x0
Reserved
[14:8]
NumSteps
R
0x04
Number of steps in the gain range = 4
(5 values, 0dB to +40dB)
[7]
Rsvd1
R
0x0
Reserved
[6:0]
Offset
R
0x00
0dB-step is programmed with this offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com