Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 28 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 28 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 24Page - Integrated Device Technology STAC9202 Datasheet HTML 25Page - Integrated Device Technology STAC9202 Datasheet HTML 26Page - Integrated Device Technology STAC9202 Datasheet HTML 27Page - Integrated Device Technology STAC9202 Datasheet HTML 28Page - Integrated Device Technology STAC9202 Datasheet HTML 29Page - Integrated Device Technology STAC9202 Datasheet HTML 30Page - Integrated Device Technology STAC9202 Datasheet HTML 31Page - Integrated Device Technology STAC9202 Datasheet HTML 32Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
28
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.4.9.
AFG OutAmpCap
Table 25. AFG GPIOCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31]
GPIWake
R
0x1
Wake capability. Assuming the Wake
Enable Mask controls are enabled, GPIOs
configured as inputs can cause a wake
(generate a Status Change event on the
link) when there is a change in level on the
pin.
[30]
GPIUnsol
R
0x1
Unsolicited Response capability. Assuming
the Unsolicited Enable Mask controls are
enabled, GPIOs configured as inputs can
generate an Unsolicited Response on the
link when there is a change in level on the
pin.
[29:24]
Rsvd
R
0x0
Reserved
[23:16]
NumGPIs
R
0x00
Number of GPI pins supported
[15:8]
NumGPOs
R
0x00
Number of GPO pins supported
[7:0]
NumGPIOs
R
0x04
Number of GPIO pins supported
Table 26. AFG OutAmpCap Command Verb Format
Verb ID
Payload
Response
Get
F00
12
See bitfield table
Table 27. AFG OutAmpCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31]
Mute
R
0x1
Amplifier is capable of muting
[30:23]
Rsvd3
R
0x0
Reserved
[22:16]
StepSize
R
0x05
Size of each step in the gain range = 1.5dB
[15]
Rsvd2
R
0x0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com