Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 71 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 71 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 67Page - Integrated Device Technology STAC9202 Datasheet HTML 68Page - Integrated Device Technology STAC9202 Datasheet HTML 69Page - Integrated Device Technology STAC9202 Datasheet HTML 70Page - Integrated Device Technology STAC9202 Datasheet HTML 71Page - Integrated Device Technology STAC9202 Datasheet HTML 72Page - Integrated Device Technology STAC9202 Datasheet HTML 73Page - Integrated Device Technology STAC9202 Datasheet HTML 74Page - Integrated Device Technology STAC9202 Datasheet HTML 75Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
71
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.12. ADC0VolMux Node (NID = 0x09)
5.12.1.
ADC0VolMux VolRight
[23:20]
Device
RW
0x4
Default Device, indicating intended use of
jack. 4 = SPDIF Out
[19:16]
Connection
RW
0x5
Connection Type. 5 = optical
[15:12]
Color
RW
0x1
Color of physical jack. 1 = Black
[11:8]
Misc
RW
0x1
Misc[0] = Jack Detect override.
[7:4]
Assoc
RW
0x3
Default Association for Pin Complex groups.
Reserved value 0000b should not be used.
Value 1111b indicates lowest priority.
[3:0]
Sequence
RW
0x0
All Widgets in an association must have
unique sequence number.
Table 138. ADC0VolMux VolRight Command Verb Format
Verb ID
Payload
Response
Get
B80
00
See bitfield table
Set1
390
See bits [7:0] of bitfield table
0000_0000h
Table 139. ADC0VolMux VolRight Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:4]
Rsvd1
R
0x0
Reserved
[3:0]
Gain
RW
0x0
Amplifier gain step number
Table 137. DigOutPin Config Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com