Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 91 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 91 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 87Page - Integrated Device Technology STAC9202 Datasheet HTML 88Page - Integrated Device Technology STAC9202 Datasheet HTML 89Page - Integrated Device Technology STAC9202 Datasheet HTML 90Page - Integrated Device Technology STAC9202 Datasheet HTML 91Page - Integrated Device Technology STAC9202 Datasheet HTML 92Page - Integrated Device Technology STAC9202 Datasheet HTML 93Page - Integrated Device Technology STAC9202 Datasheet HTML 94Page - Integrated Device Technology STAC9202 Datasheet HTML 95Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
91
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.16.6.
PortDPin UnsolResp
Table 201. PortDPin Ctl Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:8]
Rsvd2
R
0x0
Reserved
[7]
HPhnEn
RW
0x0
1 = enable the low impedance amplifier
associated with the output
[6]
OutEn
RW
0x0
1 = (CODEC) output path of Pin Widget is
enabled
[5]
InEn
RW
0x0
1 = (CODEC) input path of Pin Widget is enabled
[4:0]
Rsvd1
R
0x0
Reserved
Table 202. PortDPin UnsolResp Command Verb Format
Verb ID
Payload
Response
Get
F08
00
See bitfield table
Set1
708
See bits [7:0] of bitfield table
0000_0000h
Table 203. PortDPin UnsolResp Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:8]
Rsvd2
R
0x00
Reserved
[7]
En
RW
0x0
Allow generation of Unsolicited Responses.
Unsolicited response events occur upon jack-
insertion OR completion of a Jack-Sense cycle.
[6]
Rsvd1
R
0x0
Reserved
[5:0]
Tag
RW
0x00
Software programmable field returned in top six
bits (31:26) of every Unsolicited Response
generated by this node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com