Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 10Page - Integrated Device Technology STAC9202 Datasheet HTML 11Page - Integrated Device Technology STAC9202 Datasheet HTML 12Page - Integrated Device Technology STAC9202 Datasheet HTML 13Page - Integrated Device Technology STAC9202 Datasheet HTML 14Page - Integrated Device Technology STAC9202 Datasheet HTML 15Page - Integrated Device Technology STAC9202 Datasheet HTML 16Page - Integrated Device Technology STAC9202 Datasheet HTML 17Page - Integrated Device Technology STAC9202 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
14
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
1.
With +30 dB Boost on, 1.00 Vrms with Boost off.
2.
Ratio of Full Scale signal to noise output with -60dB signal, measured “A weighted” over a 20 Hz to a 20 KHz
bandwidth.
3.
± 1dB limits for Line Output & 0 dB gain, at -20dBV
4.
Amplitude of THD+N, measured with A-weighting filter, over 20 Hz to 20 KHz bandwidth.
5.
Ratio of Full Scale signal to idle channel noise output is measured “A weighted” over a 20 Hz to a 20 KHz
bandwidth. (AES17-1991 Idle Channel Noise or EIAJ CP-307 Signal-to-noise Ratio).
6.
Peak-to-Peak Ripple over Passband meets ± 0.25dB limits, 48 KHz Sample Frequency.
7.
Stop Band rejection determines filter requirements. Out-of-Band rejection determines audible noise.
8.
The integrated Out-of-Band noise generated by the DAC process, during normal PCM audio playback, over a
bandwidth 28.8 to 100 KHz, with respect to a 1 Vrms DAC output.
2.4.
STAC9202 4V Analog Performance Characteristics
If you are interested in using the STAC9202 at 4V Analog, please contact IDT for more information.
2.5.
STAC9202 3.3V Analog Performance Characteristics
If you are interested in using the STAC9202 at 3.3V Analog, please contact IDT for more information.
Spurious Tone Rejection
-
-100
-
dB
Attenuation, Gain Step Size ANALOG
-
1.5
-
dB
Attenuation, Gain Step Size DIGITAL
-
0.75
-
dB
Input Impedance
-
50
-
KW
Input Capacitance
-
15
-
pF
VREFout
-
0.5 X AVdd
-
V
VREF
-
0.45X AVdd
0.5
V
Interchannel Gain Mismatch ADC
-
-
0.5
dB
Interchannel Gain Mismatch DAC
-
-
-
dB
Gain Drift
-
100
-
ppm/ºC
DAC Offset Voltage
-
5
10
mV
Deviation from Linear Phase
-
10
1
deg.
All Analog Outputs Load Resistance
-
10
-
K
Ω
All Analog Outputs Load Capacitance
-
-
50
pF
HEADPHONE_OUT Load Resistance
-32
-
Ω
HEADPHONE_OUT Load Capacitance
-
100
-
pF
Mute Attenuation
-
-
-
dB
PLL lock time
-
96
200
µsec
PLL (or HD Audio Bit CLK) 24.576 MHz clock jitter
-
100
300
psec
Parameter
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com