Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 59 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 59 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 55Page - Integrated Device Technology STAC9202 Datasheet HTML 56Page - Integrated Device Technology STAC9202 Datasheet HTML 57Page - Integrated Device Technology STAC9202 Datasheet HTML 58Page - Integrated Device Technology STAC9202 Datasheet HTML 59Page - Integrated Device Technology STAC9202 Datasheet HTML 60Page - Integrated Device Technology STAC9202 Datasheet HTML 61Page - Integrated Device Technology STAC9202 Datasheet HTML 62Page - Integrated Device Technology STAC9202 Datasheet HTML 63Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
59
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.9.3.
DAC0Mux ConnSel
5.9.4.
DAC0Mux ConnLst
Table 101. DAC0Mux ConnLen Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:8]
Rsvd
R
0x0
Reserved.
[7]
LongForm
R
0x0
Connection list uses short-form (7-bit) NID entries.
[6:0]
N
R
0x03
Number of NID entries in connection list.
Table 102. DAC0Mux ConnSel Command Verb Format
Verb ID
Payload
Response
Get
F01
00
See bitfield table
Set1
701
See bits [7:0] of bitfield table
0000_0000h
Table 103. DAC0Mux ConnSel Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:2]
Rsvd
R
0x0
Reserved
[1:0]
Index
RW
0x0
Connection select control index.
Table 104. DAC0Mux ConnLst Command Verb Format
Verb ID
Payload
Response
Get
F02
00
See bitfield table
Table 105. DAC0Mux ConnLst Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:24]
Entry3
R
0x00
Unused list entry.
[23:16]
Entry2
R
0x14
ADC0InMux widget.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com