Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 6Page - Integrated Device Technology STAC9202 Datasheet HTML 7Page - Integrated Device Technology STAC9202 Datasheet HTML 8Page - Integrated Device Technology STAC9202 Datasheet HTML 9Page - Integrated Device Technology STAC9202 Datasheet HTML 10Page - Integrated Device Technology STAC9202 Datasheet HTML 11Page - Integrated Device Technology STAC9202 Datasheet HTML 12Page - Integrated Device Technology STAC9202 Datasheet HTML 13Page - Integrated Device Technology STAC9202 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
10
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
1.2.
Features
•
High-integration HD Audio Product
• Two-channel PC Audio CODEC
• Dual Digital Microphone interface
•
Two-Channel DACs and ADCs with 24-bit sample resolution
• High performance
Σ∆ technology
• Sample rates up to 192 KHz
• 100dB DAC SNR
•
Integrated Headphone Amps
•
Stereo Analog Microphone
• Supports Stereo Mic
• Microphone Boost 0, 10, 20, 30, 40dB
•
Dual Digital Microphone Interface optimized for use with Akustica Digital Microphones
•
S/PDIF In and Out
•
Universal Jacks™ Functionality for jack retasking
•
Adjustable VREF Out
•
Digital PC Beep to all outputs
•
+3.3 V, 4 V and +5 V analog power supply options
•
48-pin LQFP Environmental Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com