Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 73 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 73 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 69Page - Integrated Device Technology STAC9202 Datasheet HTML 70Page - Integrated Device Technology STAC9202 Datasheet HTML 71Page - Integrated Device Technology STAC9202 Datasheet HTML 72Page - Integrated Device Technology STAC9202 Datasheet HTML 73Page - Integrated Device Technology STAC9202 Datasheet HTML 74Page - Integrated Device Technology STAC9202 Datasheet HTML 75Page - Integrated Device Technology STAC9202 Datasheet HTML 76Page - Integrated Device Technology STAC9202 Datasheet HTML 77Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
73
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.12.4.
ADC0VolMux OutAmpCap
[7]
UnsolCap
R
0x0
No support for Unsolicited Response
[6]
ProcWidget
R
0x0
No Processing Controls parameter.
[5]
Stripe
R
0x0
No support for striping
[4]
FormatOvrd
R
0x0
No format info; use default format parameters
from Audio Function node instead
[3]
AmpParamOvrd
R
0x1
This widget contains its own amplifier
parameters.
[2]
OutAmpPrsnt
R
0x1
Output amp is present
[1]
InAmpPrsnt
R
0x0
No input amp
[0]
Stereo
R
0x1
Stereo widget
Table 144. ADC0VolMux OutAmpCap Command Verb Format
Verb ID
Payload
Response
Get
F00
12
See bitfield table
Table 145. ADC0VolMux OutAmpCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31]
Mute
R
0x0
Amplifier is not capable of muting
[30:23]
Rsvd3
R
0x0
Reserved
[22:16]
StepSize
R
0x05
Size of each step in the gain range = 1.5dB
[15]
Rsvd2
R
0x0
Reserved
[14:8]
NumSteps
R
0x0F
Number of steps in the gain range = 15
(16 values, 0dB to +22.5dB)
[7]
Rsvd1
R
0x0
Reserved
[6:0]
Offset
R
0x00
0dB-step is programmed with this offset
Table 143. ADC0VolMux WCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com