Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 1 Page - Integrated Device Technology

  STAC9202 Datasheet HTML 1Page - Integrated Device Technology STAC9202 Datasheet HTML 2Page - Integrated Device Technology STAC9202 Datasheet HTML 3Page - Integrated Device Technology STAC9202 Datasheet HTML 4Page - Integrated Device Technology STAC9202 Datasheet HTML 5Page - Integrated Device Technology STAC9202 Datasheet HTML 6Page - Integrated Device Technology STAC9202 Datasheet HTML 7Page - Integrated Device Technology STAC9202 Datasheet HTML 8Page - Integrated Device Technology STAC9202 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 135 page
background image
DATA SHEET
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
STAC9202
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
1
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
DESCRIPTION
The STAC9202 is a high fidelity, 2-channel audio CODEC compli-
ant with the High Definition Audio (HD Audio) specification defined
by Intel. The STAC9202 implements direct interface to two digital
microphones supporting advanced beam forming applications
resulting in increased quality of applications requiring voice input.
FEATURES
•
High-integration HD Audio Product
•
2-channel PC Audio CODEC
•
Dual Digital Microphone interface
•
Two-Channel DACs and ADCs with 24-bit sample
resolution
•
High performance
Σ∆ technology
•
Sample rates up to 192 Hz
•
100dB DAC SNR
•
Integrated Headphone Amps
•
Stereo Analog Microphone
•
Supports Stereo Microphone
•
Microphone Boost 0, 10, 20, 30, 40dB
•
Dual Digital Microphone Interface optimized for use
with Akustica Digital Microphones
•
S/PDIF In and Out
•
Universal Jacks™ Functionality for jack retasking
•
Adjustable VREF Out
•
Digital PC Beep to all outputs
•
+3.3 V, +4 V and +5 V analog power supply options
•
48-pin LQFP Environmental Package
DESCRIPTION
The STAC9202 is a high fidelity, 2-channel, audio CODEC
compliant with the High Definition Audio (HD Audio) specifi-
cation defined by Intel. The STAC9202 provides high qual-
ity, HD Audio capability to notebook and cost sensitive
desktop PC applications.
The STAC9202 incorporates IDT's proprietary
Σ∆ technol-
ogy to achieve a DAC SNR of 100 dB. The higher perfor-
mance and quality of IDT’s audio solutions brings
consumer electronics level performance to the notebook,
desktop and media center PC.
The STAC9202 provides stereo, 24-bit, full duplex resolu-
tion supporting sample rates up to 192 KHz by the DAC
and ADC. The STAC9202 SPDIF In/Out support sample
rates of 96 KHz, 48 KHz and 44.1 KHz plus SPDIF_OUT
supports 88.2 KHz. Additional sample rates are supported
by the driver software.
The STAC9202 supports flexible configurations including
switchable Headphone Out and Universal Jacks™ func-
tionality for jack detection and re-tasking. The SPDIF inter-
face provides connectivity to Consumer Electronic
equipment like Dolby Digital decoders, powered speakers,
mini disk drives or to a home entertainment system. All
analog I/O pairs support LINE_IN, LINE_OUT and MIC.


Similar Part No. - STAC9202

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
22-Apr-2014
logo
Integrated Device Techn...
STAC9200D3NAE IDT-STAC9200D3NAE Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3TAE IDT-STAC9200D3TAE Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5NAE IDT-STAC9200D5NAE Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Similar Description - STAC9202

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
92HD001 IDT-92HD001 Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC260 REALTEK-ALC260 Datasheet
1Mb / 79P
2 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC268 REALTEK-ALC268 Datasheet
1Mb / 80P
22 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC268-GR REALTEK-ALC268-GR Datasheet
1Mb / 85P
22 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC883-GR REALTEK-ALC883-GR Datasheet
1,003Kb / 78P
7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888 REALTEK-ALC888 Datasheet
1Mb / 80P
7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888T-GR REALTEK-ALC888T-GR Datasheet
1Mb / 79P
7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com