Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 208 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 208 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 204Page - PMC-Sierra, Inc PM5366 Datasheet HTML 205Page - PMC-Sierra, Inc PM5366 Datasheet HTML 206Page - PMC-Sierra, Inc PM5366 Datasheet HTML 207Page - PMC-Sierra, Inc PM5366 Datasheet HTML 208Page - PMC-Sierra, Inc PM5366 Datasheet HTML 209Page - PMC-Sierra, Inc PM5366 Datasheet HTML 210Page - PMC-Sierra, Inc PM5366 Datasheet HTML 211Page - PMC-Sierra, Inc PM5366 Datasheet HTML 212Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
196
12.12 JTAG Support
The TEMAP-84 supports the IEEE Boundary Scan Specification as described in
the IEEE 1149.1 standards. The Test Access Port (TAP) consists of the five
standard pins, TRSTB, TCK, TMS, TDI and TDO used to control the TAP
controller and the boundary scan registers. The TRSTB input is the active-low
reset signal used to reset the TAP controller. TCK is the test clock used to
sample data on input, TDI and to output data on output, TDO. The TMS input is
used to direct the TAP controller through its states. The basic boundary scan
architecture is shown below.
Figure 27
- Boundary Scan Architecture
Boundary Scan
Register
Control
TDI
TDO
Device Identification
Register
Bypass
Register
Instruction
Register
and
Decode
TRSTB
TMS
TCK
Test
Access
Port
Controller
Mux
DFF
Select
Tri-state Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com