Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 212 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 212 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 208Page - PMC-Sierra, Inc PM5366 Datasheet HTML 209Page - PMC-Sierra, Inc PM5366 Datasheet HTML 210Page - PMC-Sierra, Inc PM5366 Datasheet HTML 211Page - PMC-Sierra, Inc PM5366 Datasheet HTML 212Page - PMC-Sierra, Inc PM5366 Datasheet HTML 213Page - PMC-Sierra, Inc PM5366 Datasheet HTML 214Page - PMC-Sierra, Inc PM5366 Datasheet HTML 215Page - PMC-Sierra, Inc PM5366 Datasheet HTML 216Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
200
Update-IR
The update instruction register state is used to load a new instruction into the
instruction register. The new instruction must be scanned in using the Shift-IR
state. The load occurs on the falling edge of TCK.
The Pause-DR and Pause-IR states are provided to allow shifting through the
test data and/or instruction registers to be momentarily paused.
Boundary Scan Instructions
The following is a description of the standard instructions. Each instruction
selects a serial test data register path between input, TDI and output, TDO.
BYPASS
The bypass instruction shifts data from input, TDI to output, TDO with one TCK
clock period delay. The instruction is used to bypass the device.
EXTEST
The external test instruction allows testing of the interconnection to other
devices. When the current instruction is the EXTEST instruction, the boundary
scan register is placed between input, TDI and output, TDO. Primary device
inputs can be sampled by loading the boundary scan register using the
Capture-DR state. The sampled values can then be viewed by shifting the
boundary scan register using the Shift-DR state. Primary device outputs can be
controlled by loading patterns shifted in through input TDI into the boundary scan
register using the Update-DR state.
SAMPLE
The sample instruction samples all the device inputs and outputs. For this
instruction, the boundary scan register is placed between TDI and TDO.
Primary device inputs and outputs can be sampled by loading the boundary scan
register using the Capture-DR state. The sampled values can then be viewed by
shifting the boundary scan register using the Shift-DR state.
IDCODE
The identification instruction is used to connect the identification register
between TDI and TDO. The device's identification code can then be shifted out
using the Shift-DR state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com