Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 209 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 209 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 205Page - PMC-Sierra, Inc PM5366 Datasheet HTML 206Page - PMC-Sierra, Inc PM5366 Datasheet HTML 207Page - PMC-Sierra, Inc PM5366 Datasheet HTML 208Page - PMC-Sierra, Inc PM5366 Datasheet HTML 209Page - PMC-Sierra, Inc PM5366 Datasheet HTML 210Page - PMC-Sierra, Inc PM5366 Datasheet HTML 211Page - PMC-Sierra, Inc PM5366 Datasheet HTML 212Page - PMC-Sierra, Inc PM5366 Datasheet HTML 213Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
197
The boundary scan architecture consists of a TAP controller, an instruction
register with instruction decode, a bypass register, a device identification register
and a boundary scan register. The TAP controller interprets the TMS input and
generates control signals to load the instruction and data registers. The
instruction register with instruction decode block is used to select the test to be
executed and/or the register to be accessed. The bypass register offers a single-
bit delay from primary input, TDI to primary output, TDO. The device
identification register contains the device identification code.
The boundary scan register allows testing of board inter-connectivity. The
boundary scan register consists of a shift register placed in series with device
inputs and outputs. Using the boundary scan register, all digital inputs can be
sampled and shifted out on primary output, TDO. In addition, patterns can be
shifted in on primary input, TDI, and forced onto all digital outputs.
12.12.1
TAP Controller
The TAP controller is a synchronous finite state machine clocked by the rising
edge of primary input, TCK. All state transitions are controlled using primary
input, TMS. The finite state machine is described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com