Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 213 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 213 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 209Page - PMC-Sierra, Inc PM5366 Datasheet HTML 210Page - PMC-Sierra, Inc PM5366 Datasheet HTML 211Page - PMC-Sierra, Inc PM5366 Datasheet HTML 212Page - PMC-Sierra, Inc PM5366 Datasheet HTML 213Page - PMC-Sierra, Inc PM5366 Datasheet HTML 214Page - PMC-Sierra, Inc PM5366 Datasheet HTML 215Page - PMC-Sierra, Inc PM5366 Datasheet HTML 216Page - PMC-Sierra, Inc PM5366 Datasheet HTML 217Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
201
STCTEST
The single transport chain instruction is used to test out the TAP controller and
the boundary scan register during production test. When this instruction is the
current instruction, the boundary scan register is connected between TDI and
TDO. During the Capture-DR state, the device identification code is loaded into
the boundary scan register. The code can then be shifted out of the output,
TDO, using the Shift-DR state.
Boundary Scan Cells
In the following diagrams, CLOCK-DR is equal to TCK when the current
controller state is SHIFT-DR or CAPTURE-DR, and unchanging otherwise. The
multiplexer in the center of the diagram selects one of four inputs, depending on
the status of select lines G1 and G2. The ID Code bit is as listed in the Boundary
Scan Register table in the JTAG Test Port section 11.2.
Figure 29
- Input Observation Cell (IN_CELL)
Input
Pad
D
C
CLOCK-DR
Scan Chain Out
INPUT
to internal
logic
SHIFT-DR
Scan Chain In
1 2
MUX
1 2
1 2
1 2
I.D. Code bit
IDCODE
G1
G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com