Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 217 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 217 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 213Page - PMC-Sierra, Inc PM5366 Datasheet HTML 214Page - PMC-Sierra, Inc PM5366 Datasheet HTML 215Page - PMC-Sierra, Inc PM5366 Datasheet HTML 216Page - PMC-Sierra, Inc PM5366 Datasheet HTML 217Page - PMC-Sierra, Inc PM5366 Datasheet HTML 218Page - PMC-Sierra, Inc PM5366 Datasheet HTML 219Page - PMC-Sierra, Inc PM5366 Datasheet HTML 220Page - PMC-Sierra, Inc PM5366 Datasheet HTML 221Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
205
Figure 35
- Receive Bipolar E3 Stream
RCLK[x]
RPOS[x]
RNEG[x]
4 consec 0s
LCV
X
0
0
V
HDB3 Signature Pattern
0
0
0
V
B
V
0
0
The Receive Bipolar E3 Stream diagram (Figure 35) shows the operation of the
TEMAP-84 while processing an HDB3-encoded E3 stream on inputs RPOS[x]
and RNEG[x]. It is assumed that the first bipolar violation (on RNEG[x])
illustrated corresponds to a valid HDB3 signature. A line code violation is
declared upon detection of four consecutive zeros in the incoming stream, or
upon detection of a bipolar violation which is not part of a valid HDB3 signature.
Figure 36
- Receive Unipolar E3 Stream
RCLK[x]
RDATI[x] FA11
RLCV[x]
INFO X+1
INFO N INFO N+1 INFO N+2 INFO N+3 INFO N+4 INFO N+5 INFO N+6
INFO X
FA12
LCV INDICATION
The Receive Unipolar E3 Stream diagram (Figure 36) shows the unipolar E3
receive signal on the RDATI[x] input. Line code violation indications, detected by
an upstream HDB3 decoder, are indicated on input RLCV. RLCV is sampled
each bit period. The PMON Line Code Violation Event Counter is incremented
each time a logic 1 is sampled on RLCV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com