Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 219 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 219 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 215Page - PMC-Sierra, Inc PM5366 Datasheet HTML 216Page - PMC-Sierra, Inc PM5366 Datasheet HTML 217Page - PMC-Sierra, Inc PM5366 Datasheet HTML 218Page - PMC-Sierra, Inc PM5366 Datasheet HTML 219Page - PMC-Sierra, Inc PM5366 Datasheet HTML 220Page - PMC-Sierra, Inc PM5366 Datasheet HTML 221Page - PMC-Sierra, Inc PM5366 Datasheet HTML 222Page - PMC-Sierra, Inc PM5366 Datasheet HTML 223Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
207
Figure 39
- Transmit Bipolar E3 Stream
TCLK[x]
TPOS[x]
TNEG[x]
X
0
0
V
HDB3 Signature Pattern
0
0
0
V
B
V
0
0
TICLK[x]
The Transmit Bipolar E3 Stream diagram (Figure 39) illustrates the generation of
a bipolar E3 stream. The HDB3 encoded E3 stream is present on TPOS and
TNEG. These outputs, along with the transmit clock, TCLK, can be directly
connected to a E3 line interface unit. Note that TCLK is a flow through version of
TICLK; a variable propagation delay exists between these two signals.
Figure 40
- Transmit Unipolar E3 Stream
TCLK[x]
TDATO[x]
INFO X INFO X+1
TMFP[x]
BIP[0]
BIP[1]
BIP[2]
BIP[3]
BIP[4]
BIP[5]
TICLK[x]
FA12
FA11
INFO X+465
FA13
The Transmit Unipolar E3 Stream diagram (Figure 40) illustrates the unipolar E3
stream generation. The TMFP output shown marks the G.832 frame boundary
(the first bit of the FA1 frame alignment byte) in the transmit stream. Note that
TCLK is a flow through version of TICLK; a variable propagation delay exists
between these two signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com