Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 218 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 218 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 214Page - PMC-Sierra, Inc PM5366 Datasheet HTML 215Page - PMC-Sierra, Inc PM5366 Datasheet HTML 216Page - PMC-Sierra, Inc PM5366 Datasheet HTML 217Page - PMC-Sierra, Inc PM5366 Datasheet HTML 218Page - PMC-Sierra, Inc PM5366 Datasheet HTML 219Page - PMC-Sierra, Inc PM5366 Datasheet HTML 220Page - PMC-Sierra, Inc PM5366 Datasheet HTML 221Page - PMC-Sierra, Inc PM5366 Datasheet HTML 222Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
206
Figure 37
- Transmit Bipolar DS3 Stream
TCLK[x]
TPOS[x]
TNEG[x]
TICLK[x]
1
1
0
0
1
0
0
The Transmit Bipolar DS3 Stream diagram illustrates the generation of a bipolar
DS3 stream. The B3ZS encoded DS3 stream is present on TPOS and TNEG.
These outputs, along with the transmit clock, TCLK, can be directly connected to
a DS3 line interface unit. Note that TCLK is a flow through version of TICLK; a
variable propagation delay exists between these two signals.
Figure 38
- Transmit Unipolar DS3 Stream
TCLK[x]
TDATO[x]
Nib 1
Bit 4
TMFP[x]
TICLK[x]
X1
X1
Nib 1
Bit 4
Nib 1190
Bit 1
Nib 22
Bit 4
X2
Nib 21
Bit 1
The Transmit Unipolar DS3 Stream diagram (Figure 38) illustrates the unipolar
DS3 stream generation. The TMFP output marks the M-frame boundary, X1 bit,
in the transmit stream. Note that TCLK is a flow through version of TICLK; a
variable propagation delay exists between these two signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com