Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 134 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 134 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 130Page - PMC-Sierra, Inc PM5366 Datasheet HTML 131Page - PMC-Sierra, Inc PM5366 Datasheet HTML 132Page - PMC-Sierra, Inc PM5366 Datasheet HTML 133Page - PMC-Sierra, Inc PM5366 Datasheet HTML 134Page - PMC-Sierra, Inc PM5366 Datasheet HTML 135Page - PMC-Sierra, Inc PM5366 Datasheet HTML 136Page - PMC-Sierra, Inc PM5366 Datasheet HTML 137Page - PMC-Sierra, Inc PM5366 Datasheet HTML 138Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
122
Address
Register
0x02C2
E3 FRMR Framing Interrupt Enable
0x02C3
E3 FRMR Framing Interrupt Indication and Status
0x02C4
E3 FRMR Maintenance Event Interrupt Enable
0x02C5
E3 FRMR Maintenance Event Interrupt Indication
0x02C6
E3 FRMR Maintenance Event Status
0x02C8
E3 TRAN Framing Options
0x02C9
E3 TRAN Status and Diagnostic Options
0x02CA
E3 TRAN BIP-8 Error Mask
0x02CB
E3 TRAN Maintenance and Adaptation Options
0x02D0
TTB Control
0x02D1
TTB Trail Trace Identifier Status
0x02D2
TTB Indirect Address
0x02D3
TTB Indirect Data
0x02D4
TTB Expected Payload Type Label
0x02D5
TTB Payload Type Label Control/Status
0x0300 – 0x03D5
DS3/E3 Framer and M13 Multiplex #2
0x0400 – 0x04D5
DS3/E3 Framer and M13 Multiplex #3
0x0700
SONET/SDH Master Reset
0x0701
SONET/SDH Master Ingress Configuration
0x0702
SONET/SDH Master Egress Configuration
0x0703
SONET/SDH Master Ingress VTPP Configuration
0x0704
SONET/SDH Master Egress VTPP Configuration
0x0705
SONET/SDH Master RTOP Configuration
0x0706
SONET/SDH Master Tributary Alarm AIS Control
0x0707
SONET/SDH Master Tributary Remote Defect
Indication Control
0x0708
SONET/SDH Master Tributary Auxiliary Remote
Defect Indication Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com