Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 136 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 136 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 132Page - PMC-Sierra, Inc PM5366 Datasheet HTML 133Page - PMC-Sierra, Inc PM5366 Datasheet HTML 134Page - PMC-Sierra, Inc PM5366 Datasheet HTML 135Page - PMC-Sierra, Inc PM5366 Datasheet HTML 136Page - PMC-Sierra, Inc PM5366 Datasheet HTML 137Page - PMC-Sierra, Inc PM5366 Datasheet HTML 138Page - PMC-Sierra, Inc PM5366 Datasheet HTML 139Page - PMC-Sierra, Inc PM5366 Datasheet HTML 140Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
124
Address
Register
0x0760, 0x0762,
0x0764, 0x0766,
0x0768, 0x076A,
0x076C
VTPP Ingress, TU #3 in TUG2 #1 to TUG2 #7,
Configuration and Status
0x0761, 0x0763,
0x0765, 0x0767,
0x0769, 0x076B,
0x076D
VTPP Ingress, TU #3 in TUG2 #1 to TUG2 #7,
Alarm Status
0x076E
VTPP Ingress, TU #3 in TUG2 #1 to TUG2 #7, LOP
Interrupt
0x076F
VTPP Ingress, TU #3 in TUG2 #1 to TUG2 #7, AIS
Interrupt
0x0770, 0x0772,
0x0774, 0x0776,
0x0778, 0x077A,
0x077C
VTPP Ingress, TU #4 in TUG2 #1 to TUG2 #7,
Configuration and Status
0x0771, 0x0773,
0x0775, 0x0777,
0x0779, 0x077B,
0x077D
VTPP Ingress, TU #4 in TUG2 #1 to TUG2 #7,
Alarm Status
0x077E
VTPP Ingress, TU #4 in TUG2 #1 to TUG2 #7, LOP
Interrupt
0x077F
VTPP Ingress, TU #4 in TUG2 #1 to TUG2 #7, AIS
Interrupt
0x780 - 0x07BF
Ingress VTPP #2
0x7C0 - 0x07FF
Ingress VTPP #3
0x0800 - 0x85E
RTDM Tributary Control
0x0860
Reserved
0x0862
RTDM Time Switch Page Control
0x0863
RTDM Indirect Time Switch Tributary RAM Status
and Control
0x0864
RTDM Indirect Time Switch Internal Link Address
0x0865
RTDM Indirect Ingress Tributary Data
0x0900 – 0x93F
Egress VTPP #1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com