Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 135 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 135 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 131Page - PMC-Sierra, Inc PM5366 Datasheet HTML 132Page - PMC-Sierra, Inc PM5366 Datasheet HTML 133Page - PMC-Sierra, Inc PM5366 Datasheet HTML 134Page - PMC-Sierra, Inc PM5366 Datasheet HTML 135Page - PMC-Sierra, Inc PM5366 Datasheet HTML 136Page - PMC-Sierra, Inc PM5366 Datasheet HTML 137Page - PMC-Sierra, Inc PM5366 Datasheet HTML 138Page - PMC-Sierra, Inc PM5366 Datasheet HTML 139Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
123
Address
Register
0x0709
SONET/SDH Master DS3/E3 Clock Generation
Control
0x070A
SONET/SDH Master Loopback Control
0x070B
SONET/SDH Telecom Bus Signal Monitor,
Accumulation Trigger
0x070C
SONET/SDH Transmit Pointer Configuration #1
(MSB)
0x070D
SONET/SDH Transmit Pointer Configuration #2
(LSB)
0x740 - 0x077F
Ingress VTPP #1
0x0740, 0x0742,
0x0744, 0x0746,
0x0748, 0x074A,
0x074C
VTPP Ingress, TU #1 in TUG2 #1 to TUG2 #7,
Configuration and Status
0x0741, 0x0743,
0x0745, 0x0747,
0x0749, 0x074B,
0x074D
VTPP Ingress, TU #1 in TUG2 #1 to TUG2 #7,
Alarm Status
0x074E
VTPP Ingress, TU #1 in TUG2 #1 to TUG2 #7, LOP
Interrupt
0x074F
VTPP Ingress, TU #1 in TUG2 #1 to TUG2 #7, AIS
Interrupt
0x0750, 0x0752,
0x0754, 0x0756,
0x0758, 0x075A,
0x075C
VTPP Ingress, TU #2 in TUG2 #1 to TUG2 #7,
Configuration and Status
0x0751, 0x0753,
0x0755, 0x0757,
0x0759, 0x075B,
0x075D
VTPP Ingress, TU #2 in TUG2 #1 to TUG2 #7,
Alarm Status
0x075E
VTPP Ingress, TU #2 in TUG2 #1 to TUG2 #7, LOP
Interrupt
0x075F
VTPP Ingress, TU #2 in TUG2 #1 to TUG2 #7 AIS
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com