Electronic Components Datasheet Search
  English  ▼

X  

PM7326 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM7326
Description  ATM/PACKET TRAFFIC MANAGER AND SWITCH
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7326 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM7326 Datasheet HTML 17Page - PMC-Sierra, Inc PM7326 Datasheet HTML 18Page - PMC-Sierra, Inc PM7326 Datasheet HTML 19Page - PMC-Sierra, Inc PM7326 Datasheet HTML 20Page - PMC-Sierra, Inc PM7326 Datasheet HTML 21Page - PMC-Sierra, Inc PM7326 Datasheet HTML 22Page - PMC-Sierra, Inc PM7326 Datasheet HTML 23Page - PMC-Sierra, Inc PM7326 Datasheet HTML 24Page - PMC-Sierra, Inc PM7326 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 238 page
background image
PM7326 S/UNI APEX
DATA SHEET
PMC-1981224
ISSUE 6
ATM/PACKET TRAFFIC MANAGER AND SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
5
• Microprocessor port to any loop or WAN port.
• Any loop or WAN port to microprocessor port
• VP Termination (in conjunction with ATLAS)
• VPI or VPI/VCI header mapping
• VC merge
• Provides flexible signaling and control capabilities
• Provides 4 independent uP transmit queues
• Provides simultaneous AAL5 SAR assistance for traffic to/from the uP on
up to 64k VCs.
• Supports uP cell injection into any queue.
• Provides per VC selectable OAM cell pass through or switching to
microprocessor port.
• Supports CRC10 calculation for OAM cells destined for/originating from
the microprocessor.
• Diagnostic access provided to context memory and cell buffer memory via
the microprocessor.
• Provides per VC CLP0/1 transmit counts.
• Provide global per CLP0/1 discard counts
• Provides various error statistics accumulation.
• Determines the ingress connection identifier from one of several locations:
the cell prepend, the VPI/VCI field, or the HEC/UDF field.
• Interface support
• Provides a 8/16-bit Any-PHY compliant master/slave Loop side interface
supporting up to 2048 ports (logical PHYs).
• Provides an 8/16-bit Any-PHY compliant master/slave WAN side interface
supporting up to 4 ports (PHYs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com