Electronic Components Datasheet Search
  English  ▼

X  

PM7326 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM7326
Description  ATM/PACKET TRAFFIC MANAGER AND SWITCH
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7326 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM7326 Datasheet HTML 75Page - PMC-Sierra, Inc PM7326 Datasheet HTML 76Page - PMC-Sierra, Inc PM7326 Datasheet HTML 77Page - PMC-Sierra, Inc PM7326 Datasheet HTML 78Page - PMC-Sierra, Inc PM7326 Datasheet HTML 79Page - PMC-Sierra, Inc PM7326 Datasheet HTML 80Page - PMC-Sierra, Inc PM7326 Datasheet HTML 81Page - PMC-Sierra, Inc PM7326 Datasheet HTML 82Page - PMC-Sierra, Inc PM7326 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 238 page
background image
PM7326 S/UNI APEX
DATA SHEET
PMC-1981224
ISSUE 6
ATM/PACKET TRAFFIC MANAGER AND SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
63
interrupt the retrieval of a frame from one class to transmit a higher priority
packet/cell from another class without impacting the CRC32 calculation.
The SAR will accept another cell from the queue engine when the 14
th long word
of the transmit buffer has been read. The SAR assist transmit cell transfer
format is shown in Figure 9.
Figure 9
- SAR Assist Transmit Cell Transfer Format
Register
Bits 31-24
Bits 23-16
Bits 15-8
Bits 7-0
SarTxData0
CRC Status
SarTxECI
SarTxData1
H0
H1
H2
H3
SarTxData2
Payload1
Payload2
Payload3
Payload4
••••••••••••••••
••••••••••••••••
••••••••••••••••
SarTxData13
Payload45
Payload46
Payload47
Payload 48
The SAR performs CRC32 error checking over the entire frame. The CRC32
accumulator for a class is automatically reset on frame boundaries or when a
non-user or WFQ cell is encountered (see Table 8). A CRC32 status bit is
updated as the EOM cell enters the read buffer.
The SAR performs CRC10 error checking over an OAM cell. A CRC10 status bit
is updated as the OAM cell enters the read buffer. The processor should verify
the cell type (via the cell header) when determining the validity of these status
bits.
All the CRC status bits in the buffer are updated prior to indicating data is
available. Should a CRC error be detected, the microprocessor can skip reading
the cell’s entire payload and move on to the next cell by reading the 14
th word of
the transmit buffer.
10.8.2 Receive
The receive function of the SAR has the following features:
• Single write staging buffer
• ICI (Ingress Connection Identifier) prepended to all cells
• Option to overwrite the end of a cell with AAL5 CRC32 or OAM CRC-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com