Electronic Components Datasheet Search
  English  ▼

X  

PM7326 Datasheet(PDF) 11 Page - PMC-Sierra, Inc

Part # PM7326
Description  ATM/PACKET TRAFFIC MANAGER AND SWITCH
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7326 Datasheet(HTML) 11 Page - PMC-Sierra, Inc

Back Button PM7326 Datasheet HTML 7Page - PMC-Sierra, Inc PM7326 Datasheet HTML 8Page - PMC-Sierra, Inc PM7326 Datasheet HTML 9Page - PMC-Sierra, Inc PM7326 Datasheet HTML 10Page - PMC-Sierra, Inc PM7326 Datasheet HTML 11Page - PMC-Sierra, Inc PM7326 Datasheet HTML 12Page - PMC-Sierra, Inc PM7326 Datasheet HTML 13Page - PMC-Sierra, Inc PM7326 Datasheet HTML 14Page - PMC-Sierra, Inc PM7326 Datasheet HTML 15Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 238 page
background image
PM7326 S/UNI APEX
DATA SHEET
PMC-1981224
ISSUE 6
ATM/PACKET TRAFFIC MANAGER AND SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
ix
FIGURE 23- 4 BANK CONFIGURATION FOR 4MB OF ZBT SSRAM ............. 89
FIGURE 24- CELL STORAGE MAP................................................................. 90
FIGURE 25- 4 MB – 64K CELLS...................................................................... 91
FIGURE 26- 8 MB – 128K CELLS.................................................................... 91
FIGURE 27- 16 MB – 256K CELLS.................................................................. 92
FIGURE 28- CONTEXT LOCATION............................................................... 157
FIGURE 29- INPUT OBSERVATION CELL (IN_CELL) .................................. 191
FIGURE 30- OUTPUT CELL (OUT_CELL) .................................................... 192
FIGURE 31- BI-DIRECTIONAL CELL (IO_CELL) .......................................... 192
FIGURE 32- LAYOUT OF OUTPUT ENABLE AND BIDIRECTIONAL CELLS193
FIGURE 33- SINGLE WORD READ AND WRITE ......................................... 195
FIGURE 34- BURST READ AND WRITE....................................................... 196
FIGURE 35- CONSECUTIVE WRITE ACCESSES USING WRDONEB........ 197
FIGURE 36- READ TIMING ........................................................................... 198
FIGURE 37- WRITE TIMING.......................................................................... 198
FIGURE 38- REFRESH.................................................................................. 199
FIGURE 39- POWER UP AND INITIALIZATION SEQUENCE....................... 199
FIGURE 40- READ FOLLOWED BY WRITE TIMING.................................... 200
FIGURE 41- READ FOLLOWED BY WRITE TIMING.................................... 201
FIGURE 42- UTOPIA L2 TRANSMIT SLAVE (LOOP & WAN) ....................... 202
FIGURE 43- UTOPIA L1 RECEIVE MASTER (LOOP & WAN) ...................... 202
FIGURE 44- UTOPIA L2 RECEIVE MASTER (LOOP & WAN) ...................... 203
FIGURE 45- ANY-PHY RECEIVE MASTER (LOOP & WAN)......................... 204
FIGURE 46- UTOPIA L2 RECEIVE SLAVE (LOOP & WAN).......................... 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com