Electronic Components Datasheet Search
  English  ▼

X  

PM7326 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM7326
Description  ATM/PACKET TRAFFIC MANAGER AND SWITCH
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7326 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM7326 Datasheet HTML 57Page - PMC-Sierra, Inc PM7326 Datasheet HTML 58Page - PMC-Sierra, Inc PM7326 Datasheet HTML 59Page - PMC-Sierra, Inc PM7326 Datasheet HTML 60Page - PMC-Sierra, Inc PM7326 Datasheet HTML 61Page - PMC-Sierra, Inc PM7326 Datasheet HTML 62Page - PMC-Sierra, Inc PM7326 Datasheet HTML 63Page - PMC-Sierra, Inc PM7326 Datasheet HTML 64Page - PMC-Sierra, Inc PM7326 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 238 page
background image
PM7326 S/UNI APEX
DATA SHEET
PMC-1981224
ISSUE 6
ATM/PACKET TRAFFIC MANAGER AND SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
45
Pin Name
Type
Pin
No.
Function
NC
AB4
AC5
AB23
E23
D22
D5
No Connect. These balls are not connected to the
die.
9.9 JTAG & Scan Interface (7 Signals)
Pin Name
Type
Pin
No.
Function
TCK
Input
AD1
Test Clock. This signal provides timing for test
operations that are carried out using the IEEE
P1149.1 test access port.
TMS
Input
AC2
Test Mode Select. This signal controls the test
operations that are carried out using the IEEE
P1149.1 test access port. TMS is sampled on the
rising edge of TCK. TMS has an integral pull-up
resistor.
TDI
Input
AB3
Test Data Input. This signal carries test data into
the S/UNI APEX via the IEEE P1149.1 test access
port. TDI is sampled on the rising edge of TCK.
TDI has an integral pull-up resistor.
TDO
Tri-state AD4
Test Data Output. This signal carries test data out
of the S/UNI APEX via the IEEE P1149.1 test
access port. TDO is a tri-state output, which is
inactive except when scanning of data is in
progress.
TDO is updated/Hi-Z’d on the falling edge of TCK.
TRSTB
Input
AC3
Active low Test Reset. This signal provides an
asynchronous S/UNI APEX test access port reset
via the IEEE P1149.1 test access port. TRSTB is a
Schmitt triggered input with an integral pull-up
resistor.
Note that when not being used, TRSTB must be
connected to the RSTB input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com