Electronic Components Datasheet Search
  English  ▼

X  

PM7326 Datasheet(PDF) 43 Page - PMC-Sierra, Inc

Part # PM7326
Description  ATM/PACKET TRAFFIC MANAGER AND SWITCH
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7326 Datasheet(HTML) 43 Page - PMC-Sierra, Inc

Back Button PM7326 Datasheet HTML 39Page - PMC-Sierra, Inc PM7326 Datasheet HTML 40Page - PMC-Sierra, Inc PM7326 Datasheet HTML 41Page - PMC-Sierra, Inc PM7326 Datasheet HTML 42Page - PMC-Sierra, Inc PM7326 Datasheet HTML 43Page - PMC-Sierra, Inc PM7326 Datasheet HTML 44Page - PMC-Sierra, Inc PM7326 Datasheet HTML 45Page - PMC-Sierra, Inc PM7326 Datasheet HTML 46Page - PMC-Sierra, Inc PM7326 Datasheet HTML 47Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 238 page
background image
PM7326 S/UNI APEX
DATA SHEET
PMC-1981224
ISSUE 6
ATM/PACKET TRAFFIC MANAGER AND SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
27
Pin Name
Type
Pin
No.
Function
WRPA
Input
(Master)
Tri-state
(Slave)
U1
WAN Receive Packet Available. WRPA indicates
cell availability.
This pin is in Hi-Z when the WAN receive interface
is not enabled.
If master mode is selected, the selected PHY device
drives WRPA with the cell availability status N
WRCLK cycles after WRADR[2:0] matches the PHY
device address. If the PHY device is a UTOPIA
device, N=1. If the PHY device is an Any-PHY
device, N=2. Assertion of WRPA indicates that at
least one entire cell is available.
If slave mode is selected, this signal is an output
and the S/UNI APEX plays the roll of a single port
UTOPIA L2 slave device driving the WRPA when the
WRADR matches the programmed
WANRxSlaveAddr register. A logical high indicates
that the S/UNI APEX is capable of accepting at least
one cell.
WRPA is sampled/updated/Hi-Z’d on the rising edge
of WRCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com