Electronic Components Datasheet Search
  English  ▼

X  

PM7326 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM7326
Description  ATM/PACKET TRAFFIC MANAGER AND SWITCH
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7326 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM7326 Datasheet HTML 37Page - PMC-Sierra, Inc PM7326 Datasheet HTML 38Page - PMC-Sierra, Inc PM7326 Datasheet HTML 39Page - PMC-Sierra, Inc PM7326 Datasheet HTML 40Page - PMC-Sierra, Inc PM7326 Datasheet HTML 41Page - PMC-Sierra, Inc PM7326 Datasheet HTML 42Page - PMC-Sierra, Inc PM7326 Datasheet HTML 43Page - PMC-Sierra, Inc PM7326 Datasheet HTML 44Page - PMC-Sierra, Inc PM7326 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 238 page
background image
PM7326 S/UNI APEX
DATA SHEET
PMC-1981224
ISSUE 6
ATM/PACKET TRAFFIC MANAGER AND SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
25
Pin Name
Type
Pin
No.
Function
LTSX
Output
U25
Loop Transmit Start of Transfer. LTSX is asserted
by the S/UNI APEX during the first cycle of a data
block transfer. LTSX assertion will coincide with the
port address prepend, if the cell being transferred
has a prepended port address. Required only
during Any-PHY mode. Should be left unconnected
during UTOPIA modes.
LTSX is updated on the rising edge of LTCLK.
LTSOP
Output
(Master)
Tri-state
(Slave)
T23
Loop Transmit Start of Cell. LTSOP marks the
start of cell on the LTDAT[15:0] data bus. LTSOP is
driven high when the first word of the cell (excluding
address prepend) is present on the LTDAT[15:0]
stream. LTSOP is asserted for each cell.
In transmit master mode, the signal is always
driven.
In receive slave mode, this signal is driven 1 LTCLK
after LTENB is asserted.
LTSOP is updated/Hi-Z’d on the rising edge of
LTCLK.
LTDAT[0]
..
LTDAT[15]
Output
(Master)
Tri-state
(Slave)
T26
R24
R25
R26
P24
P25
N25
N24
N23
M26
M25
M24
L26
M23
L25
L24
Loop Transmit Data. LTDAT[15:0] carries the data
block transfers to the physical layer devices.
In 8 bit mode, only LTDAT[7:0] are valid.
In transmit master mode, the entire bus is always
driven.
In receive slave mode, this bus is driven 1 LTCLK
after LTENB is asserted. Pull up/downs are
required for the entire bus, regardless of whether
the bus is in 8 or 16 bit mode.
LTDAT[15:0] is updated/Hi-Z’d on the rising edge of
LTCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com