Electronic Components Datasheet Search
  English  ▼

X  

PM7326 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM7326
Description  ATM/PACKET TRAFFIC MANAGER AND SWITCH
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7326 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM7326 Datasheet HTML 35Page - PMC-Sierra, Inc PM7326 Datasheet HTML 36Page - PMC-Sierra, Inc PM7326 Datasheet HTML 37Page - PMC-Sierra, Inc PM7326 Datasheet HTML 38Page - PMC-Sierra, Inc PM7326 Datasheet HTML 39Page - PMC-Sierra, Inc PM7326 Datasheet HTML 40Page - PMC-Sierra, Inc PM7326 Datasheet HTML 41Page - PMC-Sierra, Inc PM7326 Datasheet HTML 42Page - PMC-Sierra, Inc PM7326 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 238 page
background image
PM7326 S/UNI APEX
DATA SHEET
PMC-1981224
ISSUE 6
ATM/PACKET TRAFFIC MANAGER AND SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
23
Pin Name
Type
Pin
No.
Function
LTADR[0]
..
LTADR[11]
Output
(Master)
Input
(Slave)
Y24
W23
AA26
Y25
W24
Y26
W25
V24
U23
W26
V25
U24
Loop Transmit Address. The LTADR[11:0] signals
are used to address up to 2048 logical channels for
the purposes of polling on the LTPA signal. 1 or
more PHY devices can share the LTPA signal
This pin is in Hi-Z when the loop transmit interface is
not enabled.
If transmit master mode is selected, these signals
are outputs. LTADR[11:0] selects a logical channel
for polling by applying the logical channel address N
LTCLK cycles prior to sampling LTPA. If the PHY
device is a UTOPIA device, N=1. If the PHY device
is an Any-PHY device, N=2. LTADR inserts NULL
cycles between addresses.
For Any-PHY transmit master, LTADR[11:0]
corresponds to the PORTID[11:0] fields in the Any-
PHY address word prepend format.
For UTOPIA L2 transmit master, LTADR[5:0] is also
used to select a UTOPIA device to transfer a cell to,
when LTENB is last sampled high. LTADR[11:6]
should be left unconnected.
For UTOPIA L1 transmit master, LTADR[11:0] is
unused and should be left unconnected.
If UTOPIA L2 receive slave mode is selected, these
signals are inputs. The S/UNI APEX drives LTPA
high 1 LTCLK after the LTADR[5:0] matches the
programmed LoopTxSlaveAddr register.
LTADR[11:6] are unused and should be tied either
high or low.
LTADR[11:0] is sampled/updated on the rising edge
of LTCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com