Electronic Components Datasheet Search
  English  ▼

X  

PM7326 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM7326
Description  ATM/PACKET TRAFFIC MANAGER AND SWITCH
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7326 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM7326 Datasheet HTML 41Page - PMC-Sierra, Inc PM7326 Datasheet HTML 42Page - PMC-Sierra, Inc PM7326 Datasheet HTML 43Page - PMC-Sierra, Inc PM7326 Datasheet HTML 44Page - PMC-Sierra, Inc PM7326 Datasheet HTML 45Page - PMC-Sierra, Inc PM7326 Datasheet HTML 46Page - PMC-Sierra, Inc PM7326 Datasheet HTML 47Page - PMC-Sierra, Inc PM7326 Datasheet HTML 48Page - PMC-Sierra, Inc PM7326 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 238 page
background image
PM7326 S/UNI APEX
DATA SHEET
PMC-1981224
ISSUE 6
ATM/PACKET TRAFFIC MANAGER AND SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
29
Pin Name
Type
Pin
No.
Function
WRADR[0]
..
WRADR[2]
Output
(Master)
Input
(Slave)
R2
R3
T1
WAN Receive Address. The WRADR[2:0] signals
are used to address up to four Physical layer
devices for the purposes of polling and device
selection.
This pin is in Hi-Z when the WAN receive interface
is not enabled.
If UL2 or Any-PHY receive master mode is selected,
this bus is an output. WRADR[2:0] selects a device
for polling by applying the device address N
WRCLK cycles prior to sampling WRPA. If the PHY
device selected is a UTOPIA device, N=1. If the
PHY device selected is an Any-PHY device, N=2.
When supporting multiple PHYs, WRADR will insert
1 NULL address between address changes.
If UL1 master mode is selected, this bus is driven to
a high NULL address.
WRADR[2:0] selects a device to transfer a data
block when the WRENB is last sampled high. The
start of data block transfer must occur 1 or 2
WRCLK cycles after device selection occurs.
WRADR[2:0] = 7 hex is used as the NULL address.
No PHY device can match the NULL address.
If slave mode is selected, this signal is an input and
the S/UNI APEX plays the roll of a single port
UTOPIA L2 slave device driving the WRPA 1
WRCLK after the WRADR[1:0] matches the
programmed WANRxSlaveAddr register, and
WRADR[2] is zero.
WRADR[2:0] is sampled/updated on the rising edge
of WRCLK.
WRSX
Input
V1
WAN Receive Start of Transfer. WRSX is asserted
by the selected PHY device during the first cycle of
a data block transfer coinciding with the port
address prepend. WRSX is ignored during cell
transfers from UTOPIA or SCI-PHY devices.
WRSX is updated on the rising edge of WRCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com