Electronic Components Datasheet Search
  English  ▼

X  

PM7326 Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM7326
Description  ATM/PACKET TRAFFIC MANAGER AND SWITCH
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7326 Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM7326 Datasheet HTML 93Page - PMC-Sierra, Inc PM7326 Datasheet HTML 94Page - PMC-Sierra, Inc PM7326 Datasheet HTML 95Page - PMC-Sierra, Inc PM7326 Datasheet HTML 96Page - PMC-Sierra, Inc PM7326 Datasheet HTML 97Page - PMC-Sierra, Inc PM7326 Datasheet HTML 98Page - PMC-Sierra, Inc PM7326 Datasheet HTML 99Page - PMC-Sierra, Inc PM7326 Datasheet HTML 100Page - PMC-Sierra, Inc PM7326 Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 238 page
background image
PM7326 S/UNI APEX
DATA SHEET
PMC-1981224
ISSUE 6
ATM/PACKET TRAFFIC MANAGER AND SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
81
When in cell discard mode, the CLP state is defined by each cell, and the
decision to discard is evaluated upon receiving each cell. The minimum
resource counter VcCLP0Cnt increments/decrements based on the cell CLP
received/transmitted.
Non-user cells always have cell discard congestion rules applied, regardless of
the original VC’s congestion setting. Non-user cells do not have per-VC
congestion as the VcQCLP01Cnt is not active when a non-user cell is
encountered.
10.9.4.3
FCQ Discard
Figure 18
FCQ Discard Rules
ClassCLP1Thrsh
ClassCLP0Thrsh
ClassMaxThrsh
PortMaxThrsh
Per-Class
Per-Port
VcCLP1Thrsh
PortCLP1Thrsh
PortCLP0Thrsh
DirMaxThrsh
Per-Direction
DirCLP1Thrsh
DirCLP0Thrsh
Per-VC
VcCLP0Thrsh
invoke frame discard when
PortCnt >= PortMaxThrsh
invoke frame discard when
ClassCnt >= ClassMaxThrsh
invoke frame discard when
VcCnt >= VcCLP0Thrsh
No discard
Invoke frame discard
on CLP1 frame when
xxCnt >= xxCLP1Thrsh
Invoke frame discard
on CLP0, CLP1 frame when
xxCnt >= xxCLP0Thrsh
EXCEPT CLP0 frame having
VcCLP0Cnt < VcCLP0MinThrsh
invoke frame discard when
DirCnt >= DirMaxThrsh
invoke frame discard when FreeCnt = 0
Initial state of FreeCnt
Per-Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com