Electronic Components Datasheet Search
  English  ▼

X  

PM7326 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM7326
Description  ATM/PACKET TRAFFIC MANAGER AND SWITCH
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7326 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM7326 Datasheet HTML 45Page - PMC-Sierra, Inc PM7326 Datasheet HTML 46Page - PMC-Sierra, Inc PM7326 Datasheet HTML 47Page - PMC-Sierra, Inc PM7326 Datasheet HTML 48Page - PMC-Sierra, Inc PM7326 Datasheet HTML 49Page - PMC-Sierra, Inc PM7326 Datasheet HTML 50Page - PMC-Sierra, Inc PM7326 Datasheet HTML 51Page - PMC-Sierra, Inc PM7326 Datasheet HTML 52Page - PMC-Sierra, Inc PM7326 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 238 page
background image
PM7326 S/UNI APEX
DATA SHEET
PMC-1981224
ISSUE 6
ATM/PACKET TRAFFIC MANAGER AND SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
33
Pin Name
Type
Pin
No.
Function
WTPA
Input
(Master)
Tri-state
(Slave)
AD21
WAN Transmit Packet Available. WTPA indicates
cell availability.
This pin is in Hi-Z when the WAN transmit interface
is not enabled.
If master mode is selected, this signal is an input.
The PHY device whose address or address range
matches WTADR[2:0] drives the WTPA signal with
the transmit FIFO availability status of the selected
logical channel N WTCLK cycles after the match. If
the PHY devices are UTOPIA devices, N=1. If the
PHY devices are Any-PHY devices, N=2. Assertion
of WTPA indicates that at least one entire cell buffer
is available in that logical channel.
If slave mode is selected, this signal is a tri-state
output and the S/UNI APEX plays the roll of a single
port UTOPIA L2 slave device driving the WTPA
when the WTADR matches the programmed
WANTxSlaveAddr register. A logical high indicates
that at least one cell is available for transmission.
WTPA is sampled/updated/Hi-Z’d on the rising edge
of WTCLK.
WTENB
Output
(Master)
Input
(Slave)
AC20
WAN Transmit Enable. WTENB indicates cell
transfers to UTOPIA and SCI-PHY devices. The
device is selected via a match on WTADR[2:0] when
WTENB is last sampled high.
This pin is in Hi-Z when the WAN transmit interface
is not enabled.
If master mode is selected, this signal is an output.
If slave mode is selected, this signal is an input.
WTENB is held low for the duration of the cell
transfer.
WTENB is sampled/updated on the rising edge of
WTCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com