Electronic Components Datasheet Search
  English  ▼

X  

PM7326 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM7326
Description  ATM/PACKET TRAFFIC MANAGER AND SWITCH
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7326 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM7326 Datasheet HTML 36Page - PMC-Sierra, Inc PM7326 Datasheet HTML 37Page - PMC-Sierra, Inc PM7326 Datasheet HTML 38Page - PMC-Sierra, Inc PM7326 Datasheet HTML 39Page - PMC-Sierra, Inc PM7326 Datasheet HTML 40Page - PMC-Sierra, Inc PM7326 Datasheet HTML 41Page - PMC-Sierra, Inc PM7326 Datasheet HTML 42Page - PMC-Sierra, Inc PM7326 Datasheet HTML 43Page - PMC-Sierra, Inc PM7326 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 238 page
background image
PM7326 S/UNI APEX
DATA SHEET
PMC-1981224
ISSUE 6
ATM/PACKET TRAFFIC MANAGER AND SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
24
Pin Name
Type
Pin
No.
Function
LTPA
Input
(Master)
Tri-state
(Slave)
R23
Loop Transmit Packet Available. LTPA indicates
the availability of space in the selected polled port
when polled using the LTADR[11:0] signals.
This pin is in Hi-Z when the loop transmit interface is
not enabled.
If transmit master mode is selected, this signal is an
input. The PHY device whose address or address
range matches LTADR[11:0] drives the LTPA signal
with the transmit FIFO availability status of the
selected logical channel N LTCLK cycles after the
match. If the PHY device is a UTOPIA device, N=1.
If the PHY device is an Any-PHY device, N=2.
Assertion of LTPA indicates that at least K entire cell
buffer is available in that logical channel. K = 1 if
the register LoopTxTwoCellEn = 0. K = 2 if the
register LoopTxTwoCellEn = 1.
If receive slave mode is selected, this signal is a tri-
state output. The S/UNI APEX drives LTPA 1
LTCLK after LTADR[5:0] matches the programmed
LoopTxSlaveAddr register. A logical high indicates
that at least one cell is available for transmission.
LTPA is sampled/updated/Hi-Z’d on the rising edge
of LTCLK.
LTENB
Output
(Master)
Input
(Slave)
T24
Loop Transmit Enable. LTENB indicates cell
transfers to UTOPIA and SCI-PHY devices. The
device is selected via a match on LTADR[11:0] when
LTENB is last sampled high.
This pin is in Hi-Z when the loop transmit interface is
not enabled.
If transmit master mode is selected, this signal is an
output. LTENB is held low for the duration of the cell
transfer.
If receive slave mode is selected, this signal is an
input.
LTENB is sampled/updated on the rising edge of
LTCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com