Electronic Components Datasheet Search
  English  ▼

X  

PM7326 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM7326
Description  ATM/PACKET TRAFFIC MANAGER AND SWITCH
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7326 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM7326 Datasheet HTML 67Page - PMC-Sierra, Inc PM7326 Datasheet HTML 68Page - PMC-Sierra, Inc PM7326 Datasheet HTML 69Page - PMC-Sierra, Inc PM7326 Datasheet HTML 70Page - PMC-Sierra, Inc PM7326 Datasheet HTML 71Page - PMC-Sierra, Inc PM7326 Datasheet HTML 72Page - PMC-Sierra, Inc PM7326 Datasheet HTML 73Page - PMC-Sierra, Inc PM7326 Datasheet HTML 74Page - PMC-Sierra, Inc PM7326 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 238 page
background image
PM7326 S/UNI APEX
DATA SHEET
PMC-1981224
ISSUE 6
ATM/PACKET TRAFFIC MANAGER AND SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
55
The scheduler has 8 polling sequences and 4 different weighting groups. Port
weighting is achieved by configuring the number of polling sequences a port
should participate in. This configuration is done by assigning a 2-bit logarithmic
weight value and a 3-bit sequence number to each port. Software assigns the 2-
bit weight value, and the hardware always maps the 4 ports to the following
sequence numbers: port 0 is assigned 000, port 1 is assigned 010, port 2 is
assigned 101, and port 3 is assigned 111. The scheduler maintains a 3-bit polling
sequence number and increments it after each scheduler polling cycle. During a
scheduler polling cycle each of the 4 ports is evaluated. The port will be selected
for transmission if the following conditions are met:
• the port’s transmit data queue is not empty
• the n LSB’s of the scheduler poll sequence number match the n LSB’s
of the port’s sequence number (n is equal to the port’s weight). For
ports with a weight of zero, this compare is ignored and assumed
successful. For ports with a weight of one, only the LSB is compared.
For ports with a weight of two, only the first two LSBs are compared.
For ports with a weight of three, all three bits are compared.
• the S/UNI APEX internal WAN FIFO for the port is not full
The logarithmic weights are set so that lower speed ports are evaluated less
often relative to higher speed ports. The following formula shows relationship
between the logarithmic weights values and the resulting linear relative weight.
rw = 2
(3-lw)
If port 0 were assigned a weight of 0, port 1 a weight of 1, port 2 a weight of 2,
and port 3 a weight of 3, and all the ports had data to send, and none of the
WAN FIFOs were full, then cells would be transmitted in the following order:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com