Electronic Components Datasheet Search
  English  ▼

X  

PM7326 Datasheet(PDF) 91 Page - PMC-Sierra, Inc

Part # PM7326
Description  ATM/PACKET TRAFFIC MANAGER AND SWITCH
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7326 Datasheet(HTML) 91 Page - PMC-Sierra, Inc

Back Button PM7326 Datasheet HTML 87Page - PMC-Sierra, Inc PM7326 Datasheet HTML 88Page - PMC-Sierra, Inc PM7326 Datasheet HTML 89Page - PMC-Sierra, Inc PM7326 Datasheet HTML 90Page - PMC-Sierra, Inc PM7326 Datasheet HTML 91Page - PMC-Sierra, Inc PM7326 Datasheet HTML 92Page - PMC-Sierra, Inc PM7326 Datasheet HTML 93Page - PMC-Sierra, Inc PM7326 Datasheet HTML 94Page - PMC-Sierra, Inc PM7326 Datasheet HTML 95Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 238 page
background image
PM7326 S/UNI APEX
DATA SHEET
PMC-1981224
ISSUE 6
ATM/PACKET TRAFFIC MANAGER AND SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
75
It is possible to mix VCs that have FCQ and WFQ scheduling within the same
class, and ClassPacket enabled. Non FCQ VCs and non-user cells (as defined
in Table 8) are treated as single cell packets.
All counters, control and limit fields for the class scheduler are located in the
class scheduler context memory. As stated earlier, memory is only allocated for
classes one, two, and three. Class zero does not require any class scheduler
context information.
10.9.3.2
Partial Packet Scheduling
A per-Port parameter, ClassFragEn, is provided to support packet fragmentation.
In this fragmentation mode, classes are selected on a strict priority basis. Once
a class is selected, the packet at the head of the class queue is transmitted up to
a programmable length or until the EOM is encountered, whichever comes first.
Non FCQ VCs and non-user cells (as defined in Table 8) are treated as single
cell packets. When the length/EOM is reached, the classes are evaluated once
again in a strict priority. The transmission of the original packet will resume once
the original class regains transmission rights. Note that by virtue of the strict
priority scheduling, Class0 will always have its packets transmitted in their
entirety.
10.9.4 Congestion Control
The congestion control decides whether to permit a cell to enter the queue
structure. The objective is to provide a minimum reserved buffer allocation to all
active VCs and to fairly allocate shared buffer resources to eligible VCs. The
algorithm is applied to both frame and non-frame traffic. The objectives of the
algorithm are as follows:
• provide guaranteed resources to all active VCs
• share available buffer resources to eligible VCs with excess buffering
requirements
• restrict resource allocation on a per-VC, per-Class, per-Port, and per-
Direction basis to those levels that have exceeded their allotment of
resources.
• avoid global synchronization
• Provide interrupts and ID of the last maximum threshold discard invoked.
These objectives are achieved by having several thresholds and hierarchical
count values, at the per-Device, per-Direction, per-Port, per-Class, and per-VC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com