Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 132 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 132 Page - Texas Instruments

Back Button AM69 Datasheet HTML 128Page - Texas Instruments AM69 Datasheet HTML 129Page - Texas Instruments AM69 Datasheet HTML 130Page - Texas Instruments AM69 Datasheet HTML 131Page - Texas Instruments AM69 Datasheet HTML 132Page - Texas Instruments AM69 Datasheet HTML 133Page - Texas Instruments AM69 Datasheet HTML 134Page - Texas Instruments AM69 Datasheet HTML 135Page - Texas Instruments AM69 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 312 page
background image
5.3.31.5 VMON
Table 5-119. VMON Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
VMON1_ER_VSYS
A
Voltage Monitor, fixed 0.45V (+/-3%)
threshold. Use with external precision voltage
divider to monitor a higher voltage rail such
as the PMIC input supply.
K28
G26
VMON2_IR_VCPU
A
Must be externally connected directly to
VDD_CPU
N27
L25
VMON3_IR_VEXT1P8
A
General purpose voltage monitor for external
supplies, 1.8V threshold. With internal
resistor divider.
J30
K30
VMON4_IR_VEXT1P8
A
General purpose voltage monitor for external
supplies, 1.8V threshold. With internal
resistor divider.
P28
M26
VMON5_IR_VEXT3P3
A
General purpose voltage monitor for external
supplies, 3.3V threshold. With internal
resistor divider.
R29
M29
5.3.32 Power
Table 5-120. Power Supply Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
CAP_VDDS0 (1)
CAP
External Capacitor Connection
V29
T27
CAP_VDDS0_MCU (1)
CAP
External Capacitor Connection
L27
J25
CAP_VDDS1_MCU (1)
CAP
External Capacitor Connection
L25
J23
CAP_VDDS2 (1)
CAP
External Capacitor Connection
T29
P27
CAP_VDDS2_MCU (1)
CAP
External Capacitor Connection
L26
J24
CAP_VDDS5 (1)
CAP
External Capacitor Connection
P29
M27
VDDAR_CORE
PWR
Core RAM Supply
AB27, AC24, AF15,
AF18, AF21, AG11,
AG28, T25
AA22, AD13, AD16,
AD19, AE26, AE9,
P23, Y25
VDDAR_CPU
PWR
CPU RAM Supply
AB13, AC16, AC18,
AC20, AE12, M21,
N23, T15, U20, W14,
W21, Y11, Y19
AA14, AA16, AA18,
AC10, K19, L21, P13,
R18, U12, U19, V17,
V9, Y11
VDDAR_MCU
PWR
MCU RAM Supply
M27, N24
K25, L22
VDDA_0P8_DSITX
PWR
Analog Supply for DSITX
AJ24
AG22
VDDA_0P8_DSITX_C
PWR
DSITX Clock Supply
AJ25
AG23
VDDA_0P8_UFS
PWR
UFS 0.8V Supply
AH11
AF9
VDDA_0P8_USB
PWR
USB 0.8V Supply
AK20
AG17
VDDA_0P8_CSIRX2
PWR
Analog Supply for CSIRX
AJ28
AG26
VDDA_0P8_CSIRX0_1
PWR
Analog Supply for CSIRX
AJ26, AK26
AG24
VDDA_0P8_DLL_MMC0
PWR
MMC DLL Analog Supply
AE9
AD7
VDDA_0P8_PLL_DDR0
PWR
DDR de-skew PLL Analog Supply
U11
P8
VDDA_0P8_PLL_DDR1
PWR
DDR de-skew PLL Analog Supply
M14
J11
VDDA_0P8_PLL_DDR2
PWR
DDR de-skew PLL Analog Supply
N11
VDDA_0P8_PLL_DDR3
PWR
DDR de-skew PLL Analog Supply
M18
VDDA_0P8_SERDES2
PWR
SERDES 0.8V Supply
AJ20, AJ21
VDDA_0P8_SERDES4
PWR
SERDES 0.8V Supply
AJ17, AJ18
AG15, AG16
VDDA_0P8_SERDES0_1
PWR
SERDES 0.8V Supply
AJ12, AJ15, AK13,
AK14
AF12, AG10, AG13
VDDA_0P8_SERDES_C2
PWR
SERDES 0.8V Clock Supply
AG21, AH20
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
132
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com