Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 133 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 133 Page - Texas Instruments

Back Button AM69 Datasheet HTML 129Page - Texas Instruments AM69 Datasheet HTML 130Page - Texas Instruments AM69 Datasheet HTML 131Page - Texas Instruments AM69 Datasheet HTML 132Page - Texas Instruments AM69 Datasheet HTML 133Page - Texas Instruments AM69 Datasheet HTML 134Page - Texas Instruments AM69 Datasheet HTML 135Page - Texas Instruments AM69 Datasheet HTML 136Page - Texas Instruments AM69 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 312 page
background image
Table 5-120. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
VDDA_0P8_SERDES_C4
PWR
SERDES 0.8V Clock Supply
AG17, AH18
AE15, AF16
VDDA_0P8_SERDES_C0_1
PWR
SERDES 0.8V Clock Supply
AH12, AH13, AH15,
AH16
AF10, AF13
VDDA_1P8_DSITX
PWR
Analog Supply for DSITX
AH24, AH25
AF22, AF23
VDDA_1P8_UFS
PWR
UFS 1.8V Supply
AJ10
AG8
VDDA_1P8_USB
PWR
USB 1.8V Supply
AK21
AH19
VDDA_1P8_CSIRX2
PWR
Analog Supply for CSIRX
AH29, AJ29
AF27, AG27
VDDA_1P8_CSIRX0_1
PWR
Analog Supply for CSIRX
AH27, AH28
AF25, AF26
VDDA_1P8_SERDES2
PWR
SERDES 1.8V Supply
AH21
VDDA_1P8_SERDES4
PWR
SERDES 1.8V Supply
AH17
AF15
VDDA_1P8_SERDES0_1
PWR
SERDES 1.8V Supply
AJ13, AJ14
AG11, AG12
VDDA_1P8_SERDES2_4
PWR
SERDES 1.8V Supply
AJ23
AG21
VDDA_3P3_USB
PWR
USB 3.3V Supply
AJ19
AF17
VDDA_ADC0
PWR
ADC0 Analog Supply
M31
J28
VDDA_ADC1
PWR
ADC1 Analog Supply
N30
K28
VDDA_MCU_PLLGRP0
PWR
Analog Supply for MCU PLL Group 0
M28
K26
VDDA_MCU_TEMP
PWR
Analog Supply for MCU temperature sensor
M26
K24
VDDA_OSC1
PWR
HFOSC1 Supply
N29
L27
VDDA_PLLGRP0
PWR
Analog Supply for MAIN PLL Group 0
AA27
W25
VDDA_PLLGRP1
PWR
Analog Supply for MAIN PLL Group 1
Y28
V25
VDDA_PLLGRP2
PWR
Analog Supply for MAIN PLL Group 2
AG13
AE11
VDDA_PLLGRP5
PWR
Analog Supply for MAIN PLL Group 5
V14
T12
VDDA_PLLGRP6
PWR
Analog Supply for MAIN PLL Group 6
R21
N19
VDDA_PLLGRP7
PWR
Analog Supply for MAIN PLL Group 7
P12
M10
VDDA_PLLGRP8
PWR
Analog Supply for MAIN PLL Group 8
P15
K13
VDDA_PLLGRP9
PWR
Analog Supply for MAIN PLL Group 9
Y26
V24
VDDA_PLLGRP10
PWR
Analog Supply for MAIN PLL Group 10
AG23
AD20
VDDA_PLLGRP12
PWR
Analog Supply for MAIN PLL Group 12
AA23
W21
VDDA_PLLGRP13
PWR
Analog Supply for MAIN PLL Group 13
AB26
Y24
VDDA_POR_WKUP
PWR
WKUP domain Analog Supply
N28
L26
VDDA_TEMP0
PWR
Analog Supply for temperature sensor 0
Y27
V26
VDDA_TEMP1
PWR
Analog Supply for temperature sensor 1
M12
K10
VDDA_TEMP2
PWR
Analog Supply for temperature sensor 2
W23
U21
VDDA_TEMP3
PWR
Analog Supply for temperature sensor 3
AE13
AC11
VDDA_TEMP4
PWR
Analog Supply for temperature sensor 4
AD18
AB16
VDDA_WKUP
PWR
Oscillator Supply for WKUP domain
K31, L32
J27
VDDSHV0
PWR
IO Power Supply
V30, V32, W31
T28
VDDSHV0_MCU
PWR
IO Power Supply
H29, J28, K29
H27
VDDSHV1_MCU
PWR
IO Power Supply
H25, J24, K25
G22, H23
VDDSHV2
PWR
IO Power Supply
T30, T32, U31
N28, P28
VDDSHV2_MCU
PWR
IO Power Supply
H27, J26, K27
G24, H25
VDDSHV5
PWR
IO Power Supply
P31, R30, R31
N27
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
133
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com