Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 207 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 207 Page - Texas Instruments

Back Button AM69 Datasheet HTML 203Page - Texas Instruments AM69 Datasheet HTML 204Page - Texas Instruments AM69 Datasheet HTML 205Page - Texas Instruments AM69 Datasheet HTML 206Page - Texas Instruments AM69 Datasheet HTML 207Page - Texas Instruments AM69 Datasheet HTML 208Page - Texas Instruments AM69 Datasheet HTML 209Page - Texas Instruments AM69 Datasheet HTML 210Page - Texas Instruments AM69 Datasheet HTML 211Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 312 page
background image
The GPIO pins are grouped into banks (16 pins per bank), which means that each GPIO module provides up
to 144 dedicated general-purpose pins with input and output capabilities; thus, the general-purpose interface
supports up to 432 (3 instances × (9 banks × 16 pins)) pins. Since WKUP_GPIOu_[84:143] (u = 0, 1),
GPIOn_[128:143] (n = 0, 2, 4, 6), and GPIOm_[36:143] (m = 1, 3, 5 ,7) are reserved in this device, general
purpose interface supports up to 248 I/O pins.
For more details about features and additional description information on the device General-Purpose Interface,
see the corresponding sections within Signal Descriptions and Detailed Description.
Note
The general-purpose input/output i (i = 0 to 1) is also referred to as GPIOi.
Table 6-38, Section 6.10.5.9.1, and Section 6.10.5.9.2 present timing conditions, requirements, and switching
characteristics for GPIO.
Table 6-38. GPIO Timing Conditions
PARAMETER
BUFFER TYPE
MIN
MAX UNIT
INPUT CONDITIONS
SRI
Input slew rate
LVCMOS
0.2
6.6
V/ns
I2C OD FS
0.2
0.8
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
LVCMOS
3
10
pF
I2C OD FS
3
100
pF
6.10.5.9.1 GPIO Timing Requirements
NO.
BUFFER TYPE
MIN
MAX UNIT
GPIO1 tw(gpio_in)
Pulse width, GPIOn_x
1.8 V
2P + 2.6(1)
ns
3.3 V
2P + 3.4(1)
ns
(1)
P = functional clock period in ns.
6.10.5.9.2 GPIO Switching Characteristics
NO.
PARAMETER
BUFFER TYPE
MIN
MAX
UNIT
GPIO3 tw(GPIO_OUT)
Minimum Output Pulse Width
LVCMOS
–3.6 + 0.975P(1)
ns
GPIO4 tw(GPIO_OUT)
Minimum Output Pulse Width Low
I2C Open Drain
160
ns
GPIO5 tw(GPIO_OUT)
Minimum Output Pulse Width High
I2C Open Drain
60
ns
(1)
P = functional clock period in ns.
For more information, see General-Purpose Interface (GPIO) section in Peripherals chapter in the device TRM.
6.10.5.10 GPMC
For more details about features and additional description information on the device General-Purpose Memory
Controller, see the corresponding sections within Signal Descriptions and Detailed Description.
Table 6-39 represents GPMC timing conditions.
Note
The IO timings provided in this section are applicable for all combinations of signals for GPMC0.
However, the timings are only valid for GPMC0 if signals within a single IOSET are used. The IOSETs
are defined in the GPMC0_IOSET, GPMC0_IOSET table.
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
207
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com