Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 210 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 210 Page - Texas Instruments

Back Button AM69 Datasheet HTML 206Page - Texas Instruments AM69 Datasheet HTML 207Page - Texas Instruments AM69 Datasheet HTML 208Page - Texas Instruments AM69 Datasheet HTML 209Page - Texas Instruments AM69 Datasheet HTML 210Page - Texas Instruments AM69 Datasheet HTML 211Page - Texas Instruments AM69 Datasheet HTML 212Page - Texas Instruments AM69 Datasheet HTML 213Page - Texas Instruments AM69 Datasheet HTML 214Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 312 page
background image
NO.(2) PARAMETER
DESCRIPTION
MODE(19)
MIN
MAX
MIN
MAX UNI
T
100 MHz(20)
133 MHz(20)
F8
td(clkH-advn)
Delay time, output clock GPMC_CLK rising
edge to output address valid and address
latch enable GPMC_ADVn_ALE transition
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
no extra_delay
G(7)-2.3 G(7)+4.5
G(7)-2.3 G(7)+4.5 ns
F9
td(clkH-advnIV)
Delay time, output clock GPMC_CLK rising
edge to output address valid and address
latch enable GPMC_ADVn_ALE invalid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
no extra_delay
D(4)-2.3 D(4)+4.5
D(4)-2.3 D(4)+4.5 ns
F10
td(clkH-oen)
Delay time, output clock GPMC_CLK rising
edge to output enable GPMC_OEn_REn
transition
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
no extra_delay
H(8)-2.3 H(8)+3.5
H(8)-2.3 H(8)+3.5 ns
F11
td(clkH-oenIV)
Delay time, output clock GPMC_CLK rising
edge to output enable GPMC_OEn_REn
invalid
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
no extra_delay
E(8)-2.3 E(8)+3.5
E(8)-2.3 E(8)+ 3.5 ns
F14
td(clkH-wen)
Delay time, output clock GPMC_CLK rising
edge to output write enable GPMC_WEn
transition
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
no extra_delay
I(9)- 2.3
I(9)+4.5
I(9)- 2.3
I(9)+4.5 ns
F15
td(clkH-do)
Delay time, output clock GPMC_CLK
rising edge to output data GPMC_AD[15:0]
transition(11)
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
J(10)-2.3 J(10)+2.7 J(10)-2.3 J(10)+2.7 ns
F15
td(clkL-do)
Delay time, GPMC_CLK falling edge to
GPMC_AD[15:0] data bus transition(12)
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
J(10)-2.3 J(10)+2.7 J(10)-2.3 J(10)+2.7 ns
F15
td(clkL-do).
Delay time, GPMC_CLK falling edge to
GPMC_AD[15:0] data bus transition(13)
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
J(10)-2.3 J(10)+2.7 J(10)-2.3 J(10)+2.7 ns
F17
td(clkH-be[x]n)
Delay time, output clock GPMC_CLK rising
edge to output lower byte enable and
command latch enable GPMC_BE0n_CLE
transition(11)
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
J(10)-2.3 J(10)+1.9 J(10)-2.3 J(10)+1.9 ns
F17
td(clkL-be[x]n)
Delay time, GPMC_CLK falling edge
to GPMC_BE0n_CLE, GPMC_BE1n
transition(12)
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
J(10)-2.3 J(10)+1.9 J(10)-2.3 J(10)+1.9 ns
F17
td(clkL-be[x]n).
Delay time, GPMC_CLK falling edge
to GPMC_BE0n_CLE, GPMC_BE1n
transition(13)
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
J(10)-2.3 J(10)+1.9 J(10)-2.3 J(10)+1.9 ns
F18
tw(csnV)
Pulse duration, output chip select
GPMC_CSn[i] low(14)
Read
A(1)
A(1)
ns
Write
A(1)
A(1)
ns
F19
tw(be[x]nV)
Pulse duration, output lower byte
enable and command latch enable
GPMC_BE0n_CLE, output upper byte
enable GPMC_BE1n low
Read
C(3)
C(3)
ns
Write
C(3)
C(3)
ns
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
210
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com